Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2EAXR-2M2/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2EAXR-2M2/Q
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EAXR-2M2/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2EAXR-2M2/Q Datasheet HTML 1Page - M-System Co.,Ltd. M2EAXR-2M2/Q Datasheet HTML 2Page - M-System Co.,Ltd. M2EAXR-2M2/Q Datasheet HTML 3Page - M-System Co.,Ltd. M2EAXR-2M2/Q Datasheet HTML 4Page - M-System Co.,Ltd. M2EAXR-2M2/Q Datasheet HTML 5Page - M-System Co.,Ltd. M2EAXR-2M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. M2EAXR-2M2/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: M2EAXR
M2EAXR SPECIFICATIONS
ES-5155 Rev.1 Page 5/7
http://www.m-system.co.jp/
PARAMETER LIST
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Basic setting
01
Lockout setting
Lock / Unlock
—
Lock
09
Temperature unit
°C / °F / K
—
°C
10
Input range
JPt 100 (JIS’89)
Pt 100 (JIS’89)
Pt 100 (JIS’97, IEC)
Pt 50 Ω (JIS’81)
Ni 508.4 Ω
Pt 1000
Ni 100
Cu 10 @ 25°C
—
Pt 100 (JIS’97, IEC)
12
0 % input setting
JPt 100 (JIS’89) : -200.00 – 480.00
Pt 100 (JIS’89) : -200.00 – 630.00
Pt 100 (JIS’97, IEC) : -200.00 – 830.00
Pt 50 Ω (JIS’81) : -200.00 – 629.00
Ni 508.4 Ω : -50.00 – 180.00
Pt 1000 : -200.00 – 830.00
Ni 100 : -50.00 – 180.00
Cu 10 @ 25°C : -50.00 – 230.00
°C
0.0
13
100 % input setting
JPt 100 (JIS’89) : -180.00 – 500.00
Pt 100 (JIS’89) : -180.00 – 650.00
Pt 100 (JIS’97, IEC) : -180.00 – 850.00
Pt 50 Ω (JIS’81) : -180.00 – 649.00
Ni 508.4 Ω : -30.00 – 200.00
Pt 1000 : -180.00 – 850.00
Ni 100 : -30.00 – 200.00
Cu 10 @ 25°C : -30.00 – 250.00
°C
100.0
16
Input decimal point
No decimal point
The number of decimal places : 1 or 2
—
1 place of decimals
30
L1 alarm enable
Disable / Enable
—
Enable
31
L1 alarm setpoint
-99999 – 999999
*
—
20.0
32
L1 trip action
High / Low
—
Low
33
L1 deadband
0 – 999999*
—
1.0
34
L1 coil at alarm
Energized / De-energized
—
Energized
40
L2 alarm enable
Disable / Enable
—
Enable
41
L2 alarm setpoint
-99999 – 999999
*
—
80.0 (2 points alarm)
30.0 (4 points alarm)
42
L2 trip action
High / Low
—
High (2 points alarm)
Low (4 points alarm)
43
L2 deadband
0 – 999999*
—
1.0
44
L2 coil at alarm
Energized / De-energized
—
Energized
50
L3 alarm enable
Disable / Enable
—
Enable
51
L3 alarm setpoint
-99999 – 999999*
—
70.0
52
L3 trip action
High / Low
—
High
53
L3 deadband
0 – 999999*
—
1.0
54
L3 coil at alarm
Energized / De-energized
—
Energized
60
L4 alarm enable
Disable / Enable
—
Enable
61
L4 alarm setpoint
-99999 – 999999
*
—
80.0
62
L4 trip action
High / Low
—
High
63
L4 deadband
0 – 999999*
—
1.0
64
L4 coil at alarm
Energized / De-energized
—
Energized
70
Alarm ON-delay time
0 – 999
sec.
0
71
Power ON-delay time
0 – 999
sec.
5
72
Latching alarm
Disable / Enable
—
Disable
89
Alarm test
—
—
Cancel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com