Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S0X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 2Page - NXP Semiconductors LPC55S0X Datasheet HTML 3Page - NXP Semiconductors LPC55S0X Datasheet HTML 4Page - NXP Semiconductors LPC55S0X Datasheet HTML 5Page - NXP Semiconductors LPC55S0X Datasheet HTML 6Page - NXP Semiconductors LPC55S0X Datasheet HTML 7Page - NXP Semiconductors LPC55S0X Datasheet HTML 8Page - NXP Semiconductors LPC55S0X Datasheet HTML 9Page - NXP Semiconductors LPC55S0X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.0 — 16 October 2020
6 of 116
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
3. Ordering information
3.1 Ordering options
Note:
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC55S06JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  0.5mm
pitch
SOT 855-5
LPC55S06JHI48
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x7 x 0.85 mm
SOT619-28
LPC55S04JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  0.5mm
pitch
SOT 855-5
LPC55S04JHI48
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x7 x 0.85 mm
SOT619-28
LPC5506JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  0.5mm
pitch
SOT 855-5
LPC5506JHI48
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x7 x 0.85 mm
SOT619-28
LPC5504JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  0.5mm
pitch
SOT 855-5
LPC5504JHI48
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x7 x 0.85 mm
SOT619-28
LPC5502JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  0.5mm
pitch
SOT 855-5
LPC5502JHI48/
HVQFN48
plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x7 x 0.85 mm
SOT619-28
Table 2.
Ordering options
Type number
LPC55S06JBD64
256
96
yes
yes
yes
yes
yes
yes
yes
CAN FD
45
9
LPC55S06JHI48
256
96
yes
yes
yes
yes
yes
yes
yes
CAN FD
30
7
LPC55S04JBD64
128
80
yes
yes
yes
yes
yes
yes
yes
CAN FD
45
9
LPC55S04JHI48
128
80
yes
yes
yes
yes
yes
yes
yes
CAN FD
30
7
LPC5506JBD64
256
96
-
-
-
-
yes
-
-
CAN2.0
45
9
LPC5506JHI48
256
96
-
-
-
-
yes
-
-
CAN2.0
30
7
LPC5504JBD64
128
80
-
-
-
-
yes
-
-
CAN2.0
45
9
LPC5504JHI48
128
80
-
-
-
-
yes
-
-
CAN2.0
30
7
LPC5502JBD64
64
48
-
-
-
-
yes
-
-
CAN2.0
45
9
LPC5502JHI48
64
48
-
-
-
-
yes
-
-
CAN2.0
30
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com