Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBAS16LT3G Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LBAS16LT3G
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LBAS16LT3G Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LBAS16LT3G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LBAS16LT3G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LBAS16LT3G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
V R
75
Vdc
Peak Forward Current
I
F
200
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ ,Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
I R
µAdc
(V R = 75Vdc)
—
1.0
(V R = 75 Vdc, T J = 150°C)
—
50
(V R = 25 Vdc, T J = 150°C)
—
30
Reverse Breakdown Voltage
V (BR)
75
—
Vdc
(I BR = 100
µAdc)
Forward Voltage
V F
mV
(I F = 1.0 mAdc)
—
715
(I F = 10 mAdc)
—
855
(I F = 50 mAdc)
—
1000
(I F = 150 mAdc)
—
1250
Diode Capacitance
C D
—
2.0
pF
(V R = 0, f = 1.0 MHz)
Forward Recovery Voltage
V FR
–-
1.75
Vdc
(I F = 10 mAdc, t r = 20ns )
Reverse Recovery Time
t rr
—
6.0
ns
(I F = I R = 10 mAdc, R L = 50
Ω)
Stored Charge
Q S
—45
pC
(I F = 10 mAdc to V R= 5.0Vdc, R L = 500
Ω)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
LBAS16LT1G
3
CATHODE
1
ANODE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LBAS16LT1G
A6
3000/Tape&Reel
LBAS16LT3G
A6
10000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
1
3
2
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-LBAS16LT1G
S-LBAS16LT1G
S-LBAS16LT3G
Dimensions SOT-23
Pin Configuration
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - LBAS16LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAS16LT1 LRC-LBAS16LT1 Datasheet
58Kb / 3P
Switching Diode
LBAS16LT1G LRC-LBAS16LT1G Datasheet
58Kb / 3P
Switching Diode
More results

Similar Description - LBAS16LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com