Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F3201PM020SC Datasheet(PDF) 78 Page - Zilog, Inc.

Part # Z8F3201PM020SC
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3201PM020SC Datasheet(HTML) 78 Page - Zilog, Inc.

Back Button Z8F3201PM020SC Datasheet HTML 74Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 75Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 76Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 77Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 78Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 79Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 80Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 81Page - Zilog, Inc. Z8F3201PM020SC Datasheet HTML 82Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 246 page
background image
PS017610-0404
Timers
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
60
–
If using the Timer Output alternate function, set the initial output level (High or
Low).
2. Write to the Timer High and Low Byte registers to set the starting count value (usually
0001H
). This only affects the first pass in Continuous mode. After the first timer
Reload in Continuous mode, counting always begins at the reset value of 0001H.
3. Write to the Timer Reload High and Low Byte registers to set the Reload value.
4. If desired, enable the timer interrupt and set the timer interrupt priority by writing to
the relevant interrupt registers.
5. If using the Timer Output function, configure the associated GPIO port pin for the
Timer Output alternate function.
6. Write to the Timer Control register to enable the timer and initiate counting.
In Continuous mode, the system clock always provides the timer input. The timer period is
given by the following equation:
If an initial starting value other than 0001H is loaded into the Timer High and Low Byte
registers, the One-Shot mode equation must be used to determine the first time-out period.
Counter Mode
In Counter mode, the timer counts input transitions from a GPIO port pin. The timer input
is taken from the GPIO Port pin Timer Input alternate function. The TPOL bit in the Timer
Control Register selects whether the count occurs on the rising edge or the falling edge of
the Timer Input signal. In Counter mode, the prescaler is disabled.
The input frequency of the Timer Input signal must not exceed one-fourth
the system clock frequency.
Upon reaching the Reload value stored in the Timer Reload High and Low Byte registers,
the timer generates an interrupt, the count value in the Timer High and Low Byte registers
is reset to 0001H and counting resumes. Also, if the Timer Output alternate function is
enabled, the Timer Output pin changes state (from Low to High or from High to Low) at
timer Reload.
The steps for configuring a timer for Counter mode and initiating the count are as follows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for Counter mode.
Continuous Mode Time-Out Period (s)
Reload Value
Prescale
×
System Clock Frequency (Hz)
----------------------------------------------------------------------------
=
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com