Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM30AV43L Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # WM30AV43L
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30AV43L Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  WM30AV43L Datasheet HTML 1Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30AV43L Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Specifications are subject to change without notice WM30 96 DS 071020
3
WM30 96
Rated inputs
System type: 1, 2 or
3-phase
Input type
Galvanic insulation by
means of built-in CT’s
Current range (by CT)
AV5 and AV6: 5(6)A
AV4 and AV7: 1(2)A
Voltage (by direct connection
or VT/PT)
AV4, AV5: 3x220(380)...3x400(690)V
AV6, AV7: 3x57.7(100)...3x133(230)V
Accuracy (Display + RS485)
0.01In=0.05A (AV5, AV6 - kWh, PF=1)
(@23°C ±2°C,
0.01In=0.01A (AV4, AV7 - kWh, PF=1)
0.05In=0.25A (AV5, AV6 - kWh, PF=1)
0.05In=0.05A (AV4, AV7 - kWh, PF=1)
In: see below, Un: see below
AV4 model
In: 1A, Imax: 2A; Un: 220
to 400VLN (380 to 690VLL)
AV5 model
In: 5A, Imax: 6A; Un: 220
to 400VLN (380 to 690VLL)
AV6 model
In: 5A, Imax: 6A; Un:
57.7 to 133VLN (100 to
230VLL)
AV7 model
In: 1A, Imax: 2A; Un: 57.7
to 133VLN (100 to 230VLL)
Current AV4, AV5, AV6, AV7
models
From 0.01In to 0.05In:
±(0.5% RDG +2DGT)
From 0.05In to Imax:
±(0.2% RDG +2DGT)
Phase-neutral voltage
In the range Un: ±(0,2%
RDG +1DGT)
Phase-phase voltage
In the range Un: ±(0.5%
RDG +1DGT)
Voltage tolerance
Un -20%, Un +15%
Frequency
From 40 to 65 Hz ±(0.02% RDG +
1 DGT),
From 65 to 340 Hz ±(0.05% RDG +
1 DGT).
From 340 to 440 Hz ±(0.1% RDG +
1 DGT)
Active and Apparent power
From 0.01In to 0.05In, PF
1: ±(1%RDG+1DGT)
From 0.05In to Imax
PF 0.5L, PF1, PF0.8C:
±(0.5%RDG+1DGT)
Power Factor
±[0.001+0.5% (1.000 - “PF
RDG”)]
Reactive power
From 0.02In to
0.05In, senφ 1:
±(1.5%RDG+1DGT)
From 0.05In to Imax, senφ
1: ±(1%RDG+1DGT)
From 0.05In to
0.1In, senφ 0.5L/C:
±(1.5%RDG+1DGT)
From 0.1In to Imax, senφ
0.5L/C: ±(1%RDG+1DGT)
Active energy
Class 0.5S according to
EN62053-22, ANSI C12.20
Reactive energy
Class 2 according to
EN62053-23, ANSI C12.1.
Start up current AV5, AV6
5mA
Start up current AV4, AV7
1mA
Energy additional errors
According to EN62053-22,
ANSI C12.20,
Influence quantities
According to EN62053-23,
ANSI C12.1
Total Harmonic Distortion (THD) ±1% FS (FS: 100%)
AV4: Imin: 5mARMS;
Imax: 3A; Umin: 30VRMS;
Umax: 679Vp
AV5: Imin: 5mARMS; Imax:
15Ap; Umin: 30VRMS;
Umax: 679Vp
AV6: Imin: 5mARMS; Imax:
15Ap; Umin: 30VRMS;
Umax: 204Vp
AV7: Imin: 5mARMS; Imax:
3A; Umin: 30VRMS; Umax:
204Vp
Temperature drift
≤200ppm/°C
Sampling rate
3200 samples/s @ 50Hz,
3840 samples/s @ 60Hz
Measurements
See “List of the variables
that can be connected to:”
Method
TRMS measurements of
distorted wave forms.
Coupling type
By means of CT’s
Crest factor
AV5, AV6: ≤3 (15A max.
peak)
AV4, AV7: ≤3 (3A max.
peak)
Current Overloads
Continuous (AV5 and AV6)
6A, @ 50Hz
Continuous (AV4 and AV7)
2A, @ 50Hz
For 500ms (AV5 and AV6)
120A, @ 50Hz
For 500ms (AV4 and AV7)
40A, @ 50Hz
Voltage Overloads
Continuous
1.2 Un
For 500ms
2 Un
Input impedance
400VL-L (AV4 and AV5)
> 1.6MΩ
208VL-L (AV6 and AV7)
> 1.6MΩ
5(6)A (AV5 and AV6)
< 0.2VA
1(2)A (AV4 and AV7)
< 0.2VA
Frequency
40 to 440 Hz
Input specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com