Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 17 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 17 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 18Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 19Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 20Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 17 of 288
Rev 2.02
3 WDT_CLK reset delay period
Configured to force WDT enabled on chip power-on or reset.
Window Watchdog
Clock sourced from HCLK/2048 or LIRC; the window set by 6-bit
counter with 11-bit prescale
Suspended in Idle/Power-down mode
Analog Interfaces
ADC
Analog input voltage range: 0 ~ AV
DD
One 12-bit, 2 MSPS SAR ADC with up to 16 single-ended input
channels or 8 differential input pairs; 10-bit accuracy is guaranteed.
Internal channels for band-gap VBG input.
Supports external V
REF pin.
Supports calibration capability.
Four operation modes: Single mode, Burst mode, Single-cycle Scan
mode and Continuous Scan mode.
Analog-to-Digital conversion can be triggered by software enable
(ADST), external pin (STADC), Timer 0~3 overflow pulse trigger,
PWM trigger or BPWM trigger.
Each conversion result is held in data register of each channel with
valid and overrun indicators.
Supports conversion result monitor by compare mode function.
Configurable ADC external sampling time.
PDMA operation.
Supports floating detect function.
Analog Comparator
(ACMP)
Two Analog Comparators
Supports four multiplexed I/O pins at positive input
Supports I/O pins, band-gap, and 16-level Voltage divider from
AVDD or VREF at negative input
Supports wake up from Power-down by interrupt
Supports triggers for brake events and cycle-by-cycle control for
PWM
Supports window compare mode and window latch mode
Supports hysteresis function
Supports calibration function
Communication Interfaces
Low-power UART
Low-power UARTs with up to 7.2 MHz baud rate.
Auto-Baud Rate measurement and baud rate compensation
function.
Supports low power UART (LPUART): baud rate clock from LXT
(32.768 kHz) with 9600bps in Power-down mode even system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com