Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25TMOW Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 25TMOW
Description  25W - Single Output - Wide Input - Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

25TMOW Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  25TMOW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 25TMOW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 25TMOW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 25TMOW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 25TMOW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG 25TMOW Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 6
25TMOW_1.5 – Rev. 2020-1.0
Specifications subject to change without notice.
25TMOW_1.5 series
25W - Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Remote on/off
Remote sense
Output voltage programming
The REM pin is used to turn the power converter remote on
or off via a system signal. This power module is negative
logic version. When the REM pin is at logic low the power
turns on and turns off at logic high. We also provide positive
logic remote On/Off, turns the module on during logic high
voltage and off during a logic low.
To turn the power module on and off, the user must supply a
switch to control the voltage between the REM pin and -Vin
terminal (see Figure on the left). A logic low is VREM =-0.7V to
1.2V. During logic high, the maximum VREM voltage genera-
ted by the power module is 15V.
If not using the remote on/off feature, perform one of the
following to turn the converter on:
For negative logic, short REM pin to -Vin.
For positive logic, leave REM pin open.
Remote sense minimizes the effects of distribution losses by
regulating the voltage at the remote sense connections (see
figure on the left). The voltage between the remote sense pins
and
the output terminals must not exceed the output voltage
sense range (<10% Vo(nom)).
The voltage between the +VO1 and GND terminals must not
exceed the minimum output overvoltage protection value
shown in the Electrical Specifications table. This limit includes
any increase in voltage due to remote sense compensation
and output voltage programming (trim). If not using the
remote sense feature to regulate the output at the point of
load, then connect +S to +VO1 and -S to GND.
Output voltage trim allows the user to increase or decrease
the output voltage set point of a module. This is accomplished
by connecting an external resistor between the TRIM pin and
either the +S or -S pins. If not using the trim feature, leave the
TRIM pin open.
To increase the output voltage, refer to the figure on the left.
A trim resistor, Rtrimup, is connected between the TRIM and +S.
Circuit configuration to increase output voltage
Circuit configuration for remote sense
Remote On/Off Implementation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com