Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS12281 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 35Page - Semtech Corporation GS12281 Datasheet HTML 36Page - Semtech Corporation GS12281 Datasheet HTML 37Page - Semtech Corporation GS12281 Datasheet HTML 38Page - Semtech Corporation GS12281 Datasheet HTML 39Page - Semtech Corporation GS12281 Datasheet HTML 40Page - Semtech Corporation GS12281 Datasheet HTML 41Page - Semtech Corporation GS12281 Datasheet HTML 42Page - Semtech Corporation GS12281 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
39 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.7.1 Bypassed Re-timer Signal Output Control
With the default power-up settings, the GS12281 outputs will automatically switch to
the bypassed signal (non-re-timed) whenever the PLL is unlocked. Alternatively, manual
re-timer bypass may be configured by setting the CTRL_OUTPUT<n>_RETIMER_
AUTO_BYPASS and CTRL_OUTPUT<n>_RETIMER_MANUAL_BYPASS parameters in
register 0x4C to 0b and 1b respectively via the host interface, in which case the PLL will
remain bypassed for all rates.
The re-timer bypass function, manual or automatic, does not affect the input
equalization function of the device.
If both outputs are manually disabled, then the device will power down the CDR block
and features of the re-timer such as rate detect and lock detect will no longer be
accessible in this mode.
4.7.2 Output Driver Polarity Inversion
While in data mode, the signal polarity may be inverted at the outputs through the
CTRL_OUTPUT<n>_ DATA_ INVERT parameters in register 0x48. This may be useful to
compensate for an inverted upstream signal or to facilitate board signal routing. To
invert the polarity of either of the two output drivers, write 1b to control parameter
CTRL_OUTPUT<n>_DATA_ INVERT.
4.7.3 Output Driver Data Rate Selection
By default, the GS12281 uses the output driver and slew rate group settings for the data
rate to which the CDR is locked.
When the CDR is unlocked it will use the 6G/12G rate group:
CFG_OUTPUT<n>_CD_UHD_DRIVER_SWING
CFG_OUTPUT<n>_CD_UHD_PREEMPH_WIDTH
CFG_OUTPUT<n>_CD_UHD_PREEMPH_AMPL
CFG_OUTPUT<n>_CD_UHD_PREEMPH_PWRDWN
If required, manual selection of the output driver and slew rate group is possible using
the following steps:
1. Set CTRL_OUTPUT<n>_AUTO_SLEW = 0
2. Set CTRL_OUTPUT<n>_MANUAL_SLEW to the desired rate group. The slew rate
options are as follows:
0 = SD/MADI
1 = HD/3G
2 = 6G/12G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com