Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS6590 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VS6590
Description  0.5 Megapixel Camera Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6590 Datasheet(HTML) 2 Page - STMicroelectronics

  VS6590 Datasheet HTML 1Page - STMicroelectronics VS6590 Datasheet HTML 2Page - STMicroelectronics VS6590 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VS6590
2/3
Figure 1. VS6590 Application Diagram
Figure 2. VS6590 Block Diagram
Figure 3. VS6590 Outline Drawing
Table 2. Technical Specifications
Table 3. Temperature Range
EXTCLK
XSHUTDOWN
CCP 1.0
CCI
STV0976
Mobile
Imaging
DSP
(optional)
Baseband
or
Application
Processor
0.5 Megapixel
VS6590
SMIA
Camera
Module
SCL
SDA
EXTCLK
XSHUTDOWN
CLKP
CLKN
DATAP
DATAN
VANA
AGND
VDIG
DGND
VCAP
1152 x 864
808 x 608
Column ADC
X Decoder
Line SRAM
SMIA
Profile 0
Frame
Formatter
Sensor
Control
Registers
PLL and Clock Management
Power Mgmt
Power-On Reset
Pixel array
VS6590
Active pixels
800H x 600V
Pixel size
4.0 x 4.0 µm
Array size
3.232 x 2.432 mm2
Color filter array
RGB Bayer
Exposure control
+120 dB
Analog gain
+24 dB (max)
Dynamic range
61 dB (typical)
Signal-to-noise Ratio
35 dB at 100 lux
Frame rate
1 to 30 Hz (800H x 600V)
Pixel format
Raw Bayer 10-bit
Video Interface
CCP 1.0 High-speed serial
208Mbit/s
1.8 V LVDS
Clock input
6.5 to 27 MHz square
13 MHz typ. (on-chip PLL)
Supply voltage
2.4 to 2.9 V analog
1.8 V ± 0.1 V digital
I/O voltage
1.8 V CMOS levels
Power consumption
Streaming 30fps: 75mW
max
Power down: 15 µW max.
Lens
2-element, 44.5° HFOV, F#
2.8
Depth of field
50 cm to infinite
TV distortion
< |2%|
Relative illumination
37% typ.
Package type
SmOP2M
Package size
8.5 x 9.5 x 7.6 mm (wlh)
System attach
16-pin SMD socket with
EMC shield
Storage
-40 to +85 °C
Functional operating
-30 to +70 °C
Normal operating
-25 to +55 °C
Optimal operating
+5 to +30 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com