Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMP6A17GTC Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # ZXMP6A17GTC
Description  P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMP6A17GTC Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  ZXMP6A17GTC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMP6A17GTC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMP6A17GTC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMP6A17GTC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMP6A17GTC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMP6A17GTC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMP6A17GTC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Threshold Voltage
Power Derating, Junction-to-Case
- 0.4
- 0.1
0.2
0.5
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature(°C)
ID =1mA
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
TJ - Temperature (°C)
Max. Drain Current vs. Case Temperature
Safe Operating Area, Junction-to-Case
0
2
4
6
8
10
12
0
25
50
75
100
125
150
TC - Case Temperature (°C)
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
5
0.1
1
10
100
0.1
10
1
TC = 25 °C
Single Pulse
100 µs
10 ms
100 ms, DC
Limited byRDS(on)*
BVDSS
Limited
10 µs
1ms
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square WavePulse Duration (s)
10-4
10-3
10-2
10-1
1
0.05
0.02
Single Pulse
0.1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ZXMP6A17GTC
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com