Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FJT-76-K/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # FJT-76-K/Q
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FJT-76-K/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  FJT-76-K/Q Datasheet HTML 1Page - M-System Co.,Ltd. FJT-76-K/Q Datasheet HTML 2Page - M-System Co.,Ltd. FJT-76-K/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: FJT
FJT SPECIFICATIONS
ES-1463 Rev.11 Page 2/3
http://www.m-system.co.jp/
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
Adjustments: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
• T/C type
• temp. range
• zero and span
• simulating output
• Others
INPUT SPECIFICATIONS
Minimum span: 3 mV
Offset: Max. 3 times span
Input resistance: 20 kΩ min.
Burnout sensing: 0.1 μA
Minimum span in °C and °F
(PR): 370°C, 670°F
K (CA): 75°C, 140°F
E (CRC): 50°C, 90°F
J (IC): 60°C, 110°F
T (CC): 75°C, 140°F
B (RH): 780°C, 1410°F
R: 360°C, 650°F
S: 380°C, 690°F
WRe 5-26: 200°C, 360°F
N: 110°C, 200°F
Note: The described accuracy may be partially not satisfied
when the temperature ranges below 0°C. Consult factory.
If not specified, the input range is shown below.
(PR): 0 to 1600°C
K (CA): 0 to 1000°C
E (CRC): 0 to 500°C
J (IC): 0 to 500°C
T (CC): 0 to 300°C
B (RH): 0 to 1800°C
R: 0 to 1600°C
S: 0 to 1600°C
WRe 5-26: 0 to 2000°C
N: 0 to 1000°C
INSTALLATION
Power input
•AC: Approx. 4.5 VA
•DC: 24 V approx. 70 mA
110 V approx. 20 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 220 g (0.49 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Linearization accuracy: ±0.05 %
Cold junction compensation error: ±0.5°C or ±0.9°F
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.8 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
Power input code R:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output or power to ground)
500 V AC @ 1 minute (I/O to power)
Power input code K, L, P:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output or power to ground)
1500 V AC @ 1 minute (I/O to power)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com