Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD25A Datasheet(PDF) 3 Page - EPCOS

Part # LD25A
Description  Low Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LD25A Datasheet(HTML) 3 Page - EPCOS

  LD25A Datasheet HTML 1Page - EPCOS LD25A Datasheet HTML 2Page - EPCOS LD25A Datasheet HTML 3Page - EPCOS LD25A Datasheet HTML 4Page - EPCOS LD25A Datasheet HTML 5Page - EPCOS LD25A Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 09, 2001
SAW Components
B3574 (LD25A)
868,30 MHz
Low Loss Filter
Preliminary Data
Characteristics
Reference temperature:
TA = -45 ... 95 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1)Temperature dependance of fC: fC(TA) = fC(T0) (1 + TCf(TA - T0)2)
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
868,30
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
868,20 ... 868,40 MHz
4,2
5,7
dB
(including loss in matching coils)
Amplitude ripple (p-p)
868,20 ... 868,40 MHz
0,5
2,0
dB
868,16 ... 868,44 MHz
0,7
3,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 600,00 MHz
60
65
dB
600,00 ... 800,00 MHz
42
47
dB
800,00 ... 848,00 MHz
54
59
dB
848,00 ... 863,00 MHz
51
56
dB
863,00 ... 866,80 MHz
37
42
dB
870,00 ... 872,00 MHz
30
35
dB
872,00 ... 882,00 MHz
47
52
dB
882,00 ...1000,00 MHz
50
55
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
360 || 1,3
Ω || pF
Output:
ZOUT = ROUT || COUT
380 || 1,3
Ω || pF
Temperature coefficient of frequency 1)
TCf
-0,03
ppm/K2
Frequency inversion point
T0
10—40
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com