Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KAPU Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KAPU
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KAPU Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KAPU Datasheet HTML 1Page - M-System Co.,Ltd. KAPU Datasheet HTML 2Page - M-System Co.,Ltd. KAPU Datasheet HTML 3Page - M-System Co.,Ltd. KAPU Datasheet HTML 4Page - M-System Co.,Ltd. KAPU Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: KAPU
KAPU SPECIFICATIONS
ES-3582 Rev.13 Page 2/5
http://www.m-system.co.jp/
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Zero adjustment: 0 – 5 % (front)
Span adjustment: 50 – 100 % of range (front)
Output frequency adjustment: Preselecting range
with a rotary switch and fine control
with span adjustment (50 – 100 %)
Output pulse width adjustment:Three-turn screwdriver
adjustment (front)
Low-end cutout: 0 to 10 % (front); a red LED assists in
adjusting the cutout point; turns on during the cutout.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
Minimum span: 10 mV
Offset: Max. 1.5 times span
Input resistance
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
Note: For factory setting, maximum frequency of the
selected range is used to determine pulse width. Pulse
width is adjusted until the duty ratio becomes 50 % of the
maximum frequency. If this value lies outside of the
adjustable range, either maximum or minimum selectable
value will be used.
■ Open Collector:
50 V DC @ 50 mA (resistive load)
Frequency range: 0 – 10 kHz
ON pulse width: 40 μsec. – 0.8 msec. adjustable
Saturation voltage: 0.6 V DC
■ Low Frequency Open Collector:
50 V DC @ 50 mA (resistive load)
Frequency range: 0 – 130 pulses/min.
ON pulse width: 40 msec. – 0.8 sec. adjustable
Saturation voltage: 0.6 V DC
■ Middle Range Frequency Open Collector:
50 V DC @ 50 mA (resistive load)
Frequency range: 0 – 312 Hz
ON pulse width: 2 – 35 msec. adjustable
Saturation voltage: 0.6 V DC
■ Relay Contact: 120 V AC @ 200 mA (cos ø = 1)
240 V AC @ 100 mA (cos ø = 1)
24 V DC @ 200 mA (resistive load)
Maximum switching voltage: 380 V AC or 125V DC
Maximum switching power: 24 VA or 4.8 W
Minimum load: 5 V DC @ 10 mA
Frequency range: 0 – 130 pulses/min.
ON pulse width: 40 msec. – 0.8 sec. adjustable
Relay life:
≥ 5 × 107 cycles (mechanical)
≥ 105 cycles (electrical)
■ 5 V Pulse
Frequency range: 0 – 10 kHz
Low pulse width: 40 μsec. – 0.8 msec. adjustable
High level: 5 V ± 10 %
Low level: ≤ 0.5 V
Load resistance: 600 Ω min.
■ Middle Range Frequency 5 V Pulse
Frequency range: 0 – 312 Hz
Low pulse width: 2 – 35 msec. adjustable
High level: 5 V ±10 %
Low level: ≤0.5 V
Load resistance: 600 Ω min.
■ Low Frequency 5 V Pulse
Frequency range: 0 – 130 pulses/min.
Low pulse width: 40 msec. – 0.8 sec. adjustable
High level: 5 V ± 10 %
Low level: ≤ 0.5 V
Load resistance: 600 Ω min.
■ 24 V Pulse
Frequency range: 0 – 130 pulses/min.
High pulse width: 40 msec. – 0.8 sec. adjustable
High level: 24 V ±10%
Low level: ≤ 0.5 V
Load current: 30 mA max.
Load resistance: 800 Ω min.
SW No.
SPAN RANGE
MIN. (50%)
MAX. (100%)
0
1
2
0 – 5 kHz
0 – 2.5 kHz
0 – 1.25 kHz
0 – 10 kHz
0 – 5 kHz
0 – 2.5 kHz
•
Open Collector, 5V Pulse
3
4
5
0 – 625 Hz
0 – 312 Hz
0 – 156 Hz
0 – 1.25 kHz
0 – 625 Hz
0 – 312 Hz
6
7
8
0 – 78 Hz
0 – 39 Hz
0 – 20 Hz
0 – 156 Hz
0 – 78 Hz
0 – 39 Hz
9
A
B
0 – 10 Hz
0 – 5 Hz
0 – 2.5 Hz
0 – 20 Hz
0 – 10 Hz
0 – 5 Hz
C
D
E
0 – 1.25 Hz
0 – 36 pulses/min.
0 – 18 pulses/min.
0 – 2.5 Hz
0 – 1.25 Hz
0 – 36 pulses/min.
F
0 – 9 pulses/min.
0 – 18 pulses/min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com