Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JPS3-A2A1RS/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # JPS3-A2A1RS/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPS3-A2A1RS/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  JPS3-A2A1RS/Q Datasheet HTML 1Page - M-System Co.,Ltd. JPS3-A2A1RS/Q Datasheet HTML 2Page - M-System Co.,Ltd. JPS3-A2A1RS/Q Datasheet HTML 3Page - M-System Co.,Ltd. JPS3-A2A1RS/Q Datasheet HTML 4Page - M-System Co.,Ltd. JPS3-A2A1RS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: JPS3
JPS3 SPECIFICATIONS
ES-1575 Rev.9 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
LOAD
Spark Quenching
Diode
Relay or
Counter Coil
2
1
2
1
LOAD
Varistor or Spark
Quenching Circuit
Relay or
Counter Coil
U
3
4
+
100Ω
■ Open Collector or
Mechanical Contact
Input Connection Examples
–
–
■ 2-Wire Current Pulse
• External DC Supply
5
6
+
–
–
3
4
+
–
–
5
6
+
–
–
3
4
–
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
100Ω
5
6
–
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
■ Voltage Pulse
+
–
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT
1
2
U(+)
V(–)
POWER
7
8
Digital
Computation
+
–
INPUT 1
3
4
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
INPUT
MON.
Waveform
Shaper
+
–
INPUT 2
5
6
INPUT
MON.
OUTPUT
MON.
OUTPUT
VOLTAGE
One-shot
Pulse
PULSE
WIDTH
■ Open Collector
Output Connection Examples
+
–
1
2
+
–
■ Voltage Pulse
+
–
1
2
+
–
■ RS-422 Line Driver Pulse
+
–
2
+
–
+
–
1
* Deleted with no conversion to one-shot type.
*
■ Noncontact AC/DC Switch
• AC Powered
• DC Powered
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com