Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP87702-Q1 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 40Page - Texas Instruments LP87702-Q1 Datasheet HTML 41Page - Texas Instruments LP87702-Q1 Datasheet HTML 42Page - Texas Instruments LP87702-Q1 Datasheet HTML 43Page - Texas Instruments LP87702-Q1 Datasheet HTML 44Page - Texas Instruments LP87702-Q1 Datasheet HTML 45Page - Texas Instruments LP87702-Q1 Datasheet HTML 46Page - Texas Instruments LP87702-Q1 Datasheet HTML 47Page - Texas Instruments LP87702-Q1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
7.6 Register Maps
7.6.1 Register Descriptions
The LP87702 is controlled by a set of registers through the system serial interface port. This register map
describes the default values for the bits which are not read from OTP memory. The asterisk (*) marking indicates
the register bits which are updated from the OTP memory during the READ OTP state. OTP values for each
orderable part number are described in a separate technical reference manual TRM.
7.6.1.1 LP8770_map Registers
Table 7-9 lists the memory-mapped registers for the LP8770_map registers. All register offset addresses not
listed in Table 7-9 should be considered as reserved locations and the register contents should not be modified.
Table 7-9. LP8770_MAP Registers
Offset
Acronym
Register Name
Section
0h
DEV_REV
Section 7.6.1.1.1
1h
OTP_CODE
Section 7.6.1.1.2
2h
BUCK0_CTRL_1
Section 7.6.1.1.3
3h
BUCK0_CTRL_2
Section 7.6.1.1.4
4h
BUCK1_CTRL_1
Section 7.6.1.1.5
5h
BUCK1_CTRL_2
Section 7.6.1.1.6
6h
BUCK0_VOUT
Section 7.6.1.1.7
7h
BUCK1_VOUT
Section 7.6.1.1.8
8h
BOOST_CTRL
Section 7.6.1.1.9
9h
BUCK0_DELAY
Section 7.6.1.1.10
Ah
BUCK1_DELAY
Section 7.6.1.1.11
Bh
BOOST_DELAY
Section 7.6.1.1.12
Ch
GPO0_DELAY
Section 7.6.1.1.13
Dh
GPO1_DELAY
Section 7.6.1.1.14
Eh
GPO2_DELAY
Section 7.6.1.1.15
Fh
GPO_CONTROL_1
Section 7.6.1.1.16
10h
GPO_CONTROL_2
Section 7.6.1.1.17
11h
CONFIG
Section 7.6.1.1.18
12h
PLL_CTRL
Section 7.6.1.1.19
13h
PGOOD_CTRL
Section 7.6.1.1.20
14h
PGOOD_LEVEL_1
Section 7.6.1.1.21
15h
PGOOD_LEVEL_2
Section 7.6.1.1.22
16h
PGOOD_LEVEL_3
Section 7.6.1.1.23
17h
PG_CTRL
Section 7.6.1.1.24
18h
PG0_CTRL
Section 7.6.1.1.25
19h
PG0_FAULT
Section 7.6.1.1.26
1Ah
PG1_CTRL
Section 7.6.1.1.27
1Bh
PG1_FAULT
Section 7.6.1.1.28
1Ch
WD_CTRL_1
Section 7.6.1.1.29
1Dh
WD_CTRL_2
Section 7.6.1.1.30
1Eh
WD_STATUS
Section 7.6.1.1.31
1Fh
RESET
Section 7.6.1.1.32
20h
INT_TOP_1
Section 7.6.1.1.33
21h
INT_TOP_2
Section 7.6.1.1.34
22h
INT_BUCK
Section 7.6.1.1.35
LP87702
SNVSBU3 – MARCH 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com