Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC2338 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC2338
Description  Non-isolated Buck APFC LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2338 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FC2338 Datasheet HTML 1Page - First Silicon Co., Ltd FC2338 Datasheet HTML 2Page - First Silicon Co., Ltd FC2338 Datasheet HTML 3Page - First Silicon Co., Ltd FC2338 Datasheet HTML 4Page - First Silicon Co., Ltd FC2338 Datasheet HTML 5Page - First Silicon Co., Ltd FC2338 Datasheet HTML 6Page - First Silicon Co., Ltd FC2338 Datasheet HTML 7Page - First Silicon Co., Ltd FC2338 Datasheet HTML 8Page - First Silicon Co., Ltd FC2338 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
resistor to lower resistor can be set as:
1.65
FBL
FBL
FBH
OVP
R
V
R
R
V
=
+
Where,
RFBL: The lower resistor of the feedback network
RFBH: The upper resistor of the feedback network
VOVP: Output over voltage setting point
If the system have no OVP,this pin will be
connected to GND.
4 Thermal Regulation
The FC2338 integrates thermal regulation function.
When the system is over temperature, the output
current is gradually reduced; the output power and
thermal dissipation are also reduced. The system
temperature is regulated and the system reliability is
improved. The typical thermal regulation temperature
is set to 140℃ internally.
5 Protection Functions
To improve the system reliability, FC2338 offers
protection functions:
When the LED is open circuit, the output voltage will
gradually rise up. The output voltage is sensed by the
FB pin when power MOSFET is turned off. When FB
voltage reaches the OVP threshold, it will trigger fault
logic and the system stops switching.
When the LED is shorted circuit, the switching
frequency will work under 7 kHz. Meanwhile, the
output voltage is low and the VCC pin cannot be
charged up by the output voltage, so the VCC pin
voltage will gradually decrease and finally reaches the
UVLO threshold.
After the system enters into fault condition, the VCC
voltage will decrease until it reaches UVLO threshold.
Then the system will re-start again. If the fault
condition is removed, the system will resume normal
operation.
saturated, the CS peak voltage will be relatively high.
When CS voltage reaches the internal limitation
(1.5V), the power MOSFET will be turned off
instantaneously. This cycle by cycle current limitation
can help protecting the power MOSFET, the inductor
and the output diode.
6 PCB Layouts
The following guidelines should be followed in
FC2338 PCB layout:
Bypass Capacitor
Put the bypass capacitor close to VCC pin, and loop
compensation capacitor to COMP pin.
Ground Path
Keep a short and wide ground path for current sense
resistor. The IC signal ground for COMP and FB
components should be connected to the IC GND.
The Area of Power Loop
The area of main current loop should be as small as
possible to reduce EMI radiation.
FB Pin
Put the divider resistor close to the FB pin as possible,
and keep the trace away to the switching node.
DRAIN Pin
To increase the copper area of DRAIN pin for better
thermal dissipation.
When the output is short circuit or the inductor is
FC2338
2019. 10. 02
8/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com