Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87C453EBAA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P87C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P87C453EBAA Datasheet HTML 8Page - NXP Semiconductors P87C453EBAA Datasheet HTML 9Page - NXP Semiconductors P87C453EBAA Datasheet HTML 10Page - NXP Semiconductors P87C453EBAA Datasheet HTML 11Page - NXP Semiconductors P87C453EBAA Datasheet HTML 12Page - NXP Semiconductors P87C453EBAA Datasheet HTML 13Page - NXP Semiconductors P87C453EBAA Datasheet HTML 14Page - NXP Semiconductors P87C453EBAA Datasheet HTML 15Page - NXP Semiconductors P87C453EBAA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-322
INTERNAL BUS
IDS
MODE
INPUT
BUFFER
(P6 READ)
OUTPUT
DRIVERS
BFLAG/ODS
MODE
(CSR.6/.7)
AFLAG
MODE
(CSR.4/.5)
MUX
CONTROL/STATUS
REGISTER (CSR)
OUTPUT BUFFER
(P6 WRITE)
INPUT BUFFER
FULL (CSR.0)
OUTPUT BUFFER
FULL (CSR.1)
EDGE/LEVEL
SELECT (CSR.2)
IDS
ODS
BFLAG
AFLAG
PORT 6
SU00087
Figure 8. Port 6 Block Diagram
Table 2.
Special Function Register Addresses
REGISTER ADDRESS
BIT ADDRESS
Name
Symbol
Address
MSB
LSB
Port 4
P4
C0
C7
C6
C5
C4
C3
C2
C1
C0
Port 5
P5
C8
CF
CE
CD
CC
CB
CA
C9
C8
Port 6 data
P6
D8
DF
DE
DD
DC
DB
DA
D9
D8
Port 6 control status
CSR
E8
EF
EE
ED
EC
EB
EA
E9
E8
Slave address
SADDR
A9
Slave address mask
SADEN
B9
Auxiliary Register
AUXR
8E
Table 3.
Control Status Register (CSR)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MB1
MB0
MA1
MA0
OBFC
IDSM
OBF
IBF
BFLAG Mode Select
AFLAG Mode Select
Output Buffer
Flag Clear
Mode
Input Data
Strobe Mode
Output Buffer
Flag Full
Input Buffer
Flag Full
0/0 = Logic 0 output*
0/1 = Logic 1 output*
1/0 = IBF output
1/1 = PE input
(0 = Select)
(1 = Disable I/O)
0/0 = Logic 0 output*
0/1 = Logic 1 output*
1/0 = OBF output
1/1 = SEL input
(0 = Select)
(1 = Control/status)
0 = Negative
edge of ODS
1 = Positive
edge o ODS
0 = Positive
edge of IDS
1 = Low level
of IDS
0 = Output
data buffer
empty
1 = Output
data buffer full
0 = Input data
buffer empty
1 = Input data
buffer full
NOTE:
*
Output-always mode: MB1 = 0, MA1 = 1, and MA0 = 0. In this mode, port 6 is always enabled for output. ODS only clears the OBF flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com