Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXGP24N60C Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP24N60C
Description  HiPerFAST IGBT Lightspeed Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP24N60C Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP24N60C Datasheet HTML 1Page - IXYS Corporation IXGP24N60C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C48
A
I
C110
T
C = 110°C24
A
I
CM
T
C = 25°C, 1 ms
96
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 22 Ω
I
CM = 48
A
(RBSOA)
Clamped inductive load, L = 100
µH
@ 0.8 V
CES
P
C
T
C = 25°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque (M3)
1.13/10 Nm/lb.in.
Weight
TO-263
2
g
TO-220
4
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5
V
I
CES
V
CE = 0.8 • VCES
T
J = 25°C
200
µA
V
GE = 0 V
T
J = 150°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C110, VGE = 15 V
2.1
2.5
V
98936 7/02)
Features
International standard packages
JEDEC TO-247 and surface
mountable TO-268
High frequency IGBT
High current handling capability
Latest generation HDMOSTM process
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
High power density
Very fast switching speeds for high
frequency applications
IXGA 24N60C
V
CES
= 600 V
IXGP 24N60C
I
C25
= 48 A
V
CE(sat)typ =
2.1 V
t
fi typ
= 60 ns
HiPerFASTTM IGBT
LightspeedTM Series
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
E
C (TAB)
TO-263 AA (IXGA)
G
E
TO-220 AB (IXGP)
C (TAB)
C


Similar Part No. - IXGP24N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP24N60C4 IXYS-IXGP24N60C4 Datasheet
136Kb / 2P
High-Gain IGBTs
IXGP24N60C4D1 IXYS-IXGP24N60C4D1 Datasheet
92Kb / 2P
High-Speed PT Trench IGBT
More results

Similar Description - IXGP24N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60CD1 IXYS-IXGH24N60CD1 Datasheet
103Kb / 5P
HiPerFAST IGBT with Diode Lightspeed Series
IXGH32N60C IXYS-IXGH32N60C Datasheet
117Kb / 4P
HiPerFAST IGBT Lightspeed Series
IXGH24N60C IXYS-IXGH24N60C Datasheet
56Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGA7N60C IXYS-IXGA7N60C Datasheet
79Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C Datasheet
37Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGA12N60CD1 IXYS-IXGA12N60CD1 Datasheet
74Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N60C IXYS-IXGH12N60C Datasheet
59Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C_03 Datasheet
148Kb / 4P
HiPerFAST IGBT Lightspeed Series
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGK120N60C2 IXYS-IXGK120N60C2 Datasheet
193Kb / 6P
HiPerFAST IGBT Lightspeed 2 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com