Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX7208 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX7208_V01 Datasheet HTML 25Page - Texas Instruments TMUX7208_V01 Datasheet HTML 26Page - Texas Instruments TMUX7208_V01 Datasheet HTML 27Page - Texas Instruments TMUX7208_V01 Datasheet HTML 28Page - Texas Instruments TMUX7208_V01 Datasheet HTML 29Page - Texas Instruments TMUX7208_V01 Datasheet HTML 30Page - Texas Instruments TMUX7208_V01 Datasheet HTML 31Page - Texas Instruments TMUX7208_V01 Datasheet HTML 32Page - Texas Instruments TMUX7208_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
RL
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1
GND
D
Output
VS
250 mV
0 V
tPD 1
Output
0 V
tProp Delay = max ( tPD 1, tPD 2)
Input
(VS)
tr < 40ps
tf < 40ps
tPD 2
50%
50%
50%
50%
50
S8
S2
Figure 8-8. Propagation Delay Measurement Setup
8.9 Charge Injection
The TMUX7208 has a transmission-gate topology. Any mismatch in capacitance between the NMOS and PMOS
transistors results in a charge injected into the drain or source during the falling or rising edge of the gate signal.
The amount of charge injected into the source or drain of the device is known as charge injection, and is denoted
by the symbol QINJ. Figure 8-9 shows the setup used to measure charge injection from source (Sx) to drain (D).
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1
GND
D
EN
VEN
VD
S2
VOUT
Output
VD
0 V
3 V
VEN
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
CL
Output
N.C.
A0
A1
A2
S8
N.C.
Figure 8-9. Charge-Injection Measurement Setup
8.10 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to
the source pin (Sx) of an off-channel. Figure 8-10 shows the setup used to measure, and the equation used to
calculate off isolation.
www.ti.com
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com