Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM93C46 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM93C46
Description  3-wire Serial EEPROMs 1K/2K/4K HM93C46/56/66
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM93C46 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM93C46 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM93C46 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PRODUCT ORDERING INFORMATION
HM93
C
aa
Device Type
HM93
Supply Voltage
BC = 1.8V to 5.5V
Device Function
46 = 1 Kbit (128 x 8 or 64 x 16)
56 = 2 Kbit (256 x 8 or 128 x 16)
66 = 4 Kbit (512 x 8 or 256 x 16)
Package
P = PDIP
S = SOIC
T = TSSOP
Temperature
I = Industrial (-40
°C ~ 85°C)
13
-Y
Z
HM93C46/56/66
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com