Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX7462F Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 9Page - Texas Instruments TMUX7462F Datasheet HTML 10Page - Texas Instruments TMUX7462F Datasheet HTML 11Page - Texas Instruments TMUX7462F Datasheet HTML 12Page - Texas Instruments TMUX7462F Datasheet HTML 13Page - Texas Instruments TMUX7462F Datasheet HTML 14Page - Texas Instruments TMUX7462F Datasheet HTML 15Page - Texas Instruments TMUX7462F Datasheet HTML 16Page - Texas Instruments TMUX7462F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13 12 V Single Supply: Electrical Characteristics
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +12 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to 7.8 V, IS = –10mA
25°C
9
Ω
VS = 0 V to 7.8 V, IS = –10mA
–40°C to +85°C
18
Ω
VS = 0 V to 7.8 V, IS = –10mA
–40°C to +125°C
20
Ω
ΔRON
On-resistance mismatch between
channels
VS = 0 V to 7.8 V, IS = –10 mA
25°C
0.05
0.5
Ω
–40°C to +85°C
0.6
–40°C to +125°C
0.7
RFLAT
On-resistance flatness
VS = 0 V to 7.8 V, IS = –10 mA
25°C
12
14
Ω
–40°C to +85°C
19
–40°C to +125°C
23
IS(ON),
ID(ON)
Output on leakage current(1)
Switch state is on, VS = floating, VD = 1 V/
10 V, VDD = 13.2
25°C
0.3
nA
–40°C to +85°C
–10
10
–40°C to +125°C
–25
25
FAULT CONDITION
IS(FA)
Input leakage current
under overvoltage
VS = ± 60 V, GND = 0V, VDD = VFP = 13.2
V, VSS = VFN = 0 V
–40°C to +125°C
±100
µA
IS(FA)
Input leakage current
under overvoltage
VS = ± 60 V, GND = 0V, VDD = VSS = VFP =
VFN= 0 V, VDR = 0 V or floating
–40°C to +125°C
±125
µA
IS(FA)
Input leakage current
under overvoltage
VS = ± 60 V, GND = 0V, VDD = VSS = VFP =
VFN= floating, VDR = 0 V or floating
–40°C to +125°C
±125
µA
DIGITAL INPUT/ OUTPUT
IIH
High-level input current
VDR =VDD
25°C
–2
± 0.6
2
µA
–40°C to +125°C
–2
2
µA
IIL
Low-level input current
VDR = 0 V
25°C
–2
± 0.6
2
µA
–40°C to +125°C
–2
2
SWITCHING CHARACTERISTICS
tRESPONSE
Fault response time
VFP = 8 V, VFN = 0 V, RL = 1k Ω, CL= 15 pF
25°C
500
600
ns
–40°C to +85°C
650
–40°C to +125°C
700
tRECOVERY
Fault recovery time
VFP = 8 V, VFN = 0 V, RL = 1k Ω, CL= 15 pF
25°C
1.5
µs
–40°C to +85°C
5
–40°C to +125°C
5
tRESPONSE(FLAG) Fault flag response time
VFP = 8 V, VFN = 0 V, VPU = 5 V, RPU = 1k
Ω, CL= 15 pF
–40°C to +125°C
75
ns
tRECOVERY(FLAG) Fault flag recovery time
VFP = 8 V, VFN = 0 V, VPU = 5 V, RPU = 1k
Ω, CL= 15 pF
–40°C to +125°C
60
µs
XTALK
Inter-channel crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF, VS =
200m VRMS, VBIAS = 2 V, f = 1 MHz
25°C
–60
dB
BW
–3 dB bandwidth
RS = 50 Ω, RL = 50 Ω, CL = 5 pF, VS =
200m VRMS, VBIAS = 2 V
25°C
550
MHz
IL
Insertion loss
RS = 50 Ω, RL = 50 Ω, CL = 5 pF, VS =
200m VRMS, VBIAS = 2 V, f = 1 MHz
25°C
–0.7
dB
CS(ON), CD(ON)
Input/Output on-capacitance
f = 1 MHz, VS = 6 V
25°C
16
pF
POWER SUPPLY
IDD
VDD supply current
VDD = VFP = 13.2 V, VSS = VFN = 0 V,
VDR = 0V, 5V, or VDD, VS = 6 V
25°C
0.35
mA
–40°C to +85°C
1
mA
–40°C to +125°C
1
mA
IGND
GND current
VDD = VFP = 13.2 V, VSS = VFN = 0 V,
VDR = 0V, 5V, or VDD, VS = 6 V
25°C
0.3
mA
IFP
VFP supply current
VDD = VFP = 13.2 V, VSS = VFN = 0 V,
VDR = 0V, 5V, or VDD, VS = 6 V
25°C
0.6
µA
www.ti.com
TMUX7462F
SCDS394 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com