Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SB320 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SB320
Description  Schottky Barrier Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SB320 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SB320 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SB320 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320-SB3200
塑封肖特基二极管
反向电压 20 ~ 200 V
正向电流 3.0 A
Schottky Barrier Plastic Rectifiers
Reverse Voltage 20 ~ 200 V
Forward Current 3.0 A
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒, 引线长度:0.375" (9.5mm)
260℃/10seconds 9 5mm lead length
DO-27
260℃/10seconds,9.5mm lead length
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
● 型号后缀“-F”标记无卤素产品
Green compound with suffix "-F" on Marking
机械数据 Mechanical Data
● 封装外形:DO-27 塑封 Case:DO-27 Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
最大值和特性 TA = 25℃ 除非另有规定。
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Symbols
参数
Parameter
符号
Unit
SB
3200
单位
SB
3150
SB
320
SB
340
SB
360
SB
380
SB
3100
Unit: inch (mm)
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Symbols
VRMS
3.0
Parameter
VRRM
VDC
IF(AV)
Unit
V
A
V
3200
200
V
3150
80
100
150
320
340
360
380
3100
140
200
56
70
105
80
100
150
20
14
20
40
60
28
42
40
60
Maximum average forward rectified current
正向不重复浪涌电流 8.3 ms单一正弦半波
Non-repetitive peak forward surge current
8.3 ms singlehalf sine-wave
最大正向电压 @IF=3.0A
Maximum forward voltage
最大反向电流 @VDC
TA= 25℃
I
IFSM
80
50
0.70
VF
F(AV)
V
A
100
μA
0.95
0.50
0.92
0.85
@ DC
Maximum reverse current
TA= 100℃
典型热阻 Typical thermal resistance (Note 1)
典型结电容 VR=4.0V,f=1MHz
Type junction capacitance
工作结温和存储温度
Operating junction and storage temperature rang
备注 Nt
IR
Cj
20
-55 --- +150
℃
℃/W
pF
150
-55 --- +125
RθJA
Tj, TSTG
mA
20
10
备注 Note:
1) 引线长度 0.375" (9.5 mm) ,安装在PCB板上,从PN结到周围环境的热阻。
1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted.
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - SB320

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB320 TRSYS-SB320 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB320 WTE-SB320 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB320 ZOWIE-SB320 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB320 SSE-SB320 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB320

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS481J SECOS-SCS481J Datasheet
885Kb / 2P
Plastic-Encapsulate Diodes 0.2AMP Schottky Barrier Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SemiHow Co.,Ltd.
HDS20A03X SEMIHOW-HDS20A03X Datasheet
524Kb / 3P
SwitchmodeFull Plastic Dual Schottky Barrier Power Rectifiers
logo
Continental Device Indi...
1N5820 CDIL-1N5820 Datasheet
196Kb / 5P
SCHOTTKY BARRIER PLASTIC RECTIFIERS
logo
Mospec Semiconductor
MBRAF10100 MOSPEC-MBRAF10100 Datasheet
142Kb / 2P
Full Plastic Schottky Barrier Rectifiers
MBRAF10100L MOSPEC-MBRAF10100L Datasheet
155Kb / 2P
Full Plastic Schottky Barrier Rectifiers
SRAF10200 MOSPEC-SRAF10200 Datasheet
166Kb / 2P
Full Plastic Schottky Barrier Rectifiers
SRF2060CL MOSPEC-SRF2060CL Datasheet
162Kb / 2P
Plastic Dual Schottky Barrier Power Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
1N5817 LEIDITECH-1N5817 Datasheet
571Kb / 2P
Schottky Barrier Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com