Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM4436CSRL Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # TSM4436CSRL
Description  N-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSM4436CSRL Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  TSM4436CSRL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TSM4436CSRL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
25
50
75
100
125
150
ID = 250 µA
- 50
- 25
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 4.6 A
125 °C
25 °C
0
50
10
Time (s)
20
1
100
600
10
10-1
10-2
10-3
30
40
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
TA = 25 °C
Single Pulse
BVDSS Limited
Limited by RDS(on)*
1 ms
10 ms
100 ms
DC
1 s
10 s
100 µs
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
TSM4436CS RL
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com