Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS22C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS22C
Description  Schottky rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS22C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS22C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS22C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS22C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low profile package
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Major Ratings and Characteristics
Case:
JEDEC DO-214AB molded plastic
Terminals:
Solder plated, solderable per
JESD22-B102D
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
IF(AV)
2.0A
VRRM
20 V to 200 V
IFSM
50A
Tj max.
125 °C
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
g
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Reverse current
VR=VDC
Tj=25℃
IR
0.5
mA
Tj=100℃
5.0
SS28C
/W
A
V/µs
V
A
100
10000
Instantaneous forward
voltage
IF=2.0A
(2)
VF
0.50
0.55
0.70
0.85
0.95
V
Thermal resistance from
junction to lead
(1)
RθJL
20
Operating junction and storage
temperature range
TJ,TSTG
–65 to +125
Items
Test conditions
UNIT
SS22
SS23~24
SS25~26
SS28~210 SS215~220
Voltage rate of change
(rated VR)
dv/dt
100
150
200
Maximum DC blocking voltage
VDC
30
20
Maximum average forward
rectified current
IF(AV)
2
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
50
80
40
50
60
21
28
35
42
56
SS210C
Maximum repetitive peak
reverse voltage
VRRM
20
Maximum RMS voltage
VRMS
14
SS26C
30
40
50
60
80
V
UNIT
150
200
V
70
105
140
DO-214AB (SMC)
Schottky rectifier
SS22C-SS220C
Items
Symbol SS22C SS23C SS24C SS25C
SS215C SS220C
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - SS22C

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS22 ZOWIE-SS22 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS22 SSE-SS22 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
2.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS22C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com