Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7P-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # 7P-SERIES
Description  Voltage Control Function Available
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

7P-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  7P-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
Precise SMD Temperature
Compensated Crystal Oscillators
5.0 x 3.2 x 1.5 mm 7P Series
Features
High Stability Over Temperature: ±0.1ppm~±0.28ppm
Operating Temperature Range: -40~85
Holdover 24Hr: ±0.32ppm (Option)
Free Run Stability for 20 years: ±4.6ppm (Option)
Frequency: 10 ~ 52MHz
Supply Voltage: 2.7V ~ 5.5V
Voltage Control Function Available
Output Enable/Disable Function Available
Support Clipped Sinewave and CMOS Output Waveform
Application: Small Cell, Base Station, Networking Infrastructure
ROHS Compliant / Pb Free
TP01
*
19P01
19P01
Dimensions
Electrical Specifications
Item / Type
7P
Output Type
Output Load
Output Voltage
Supply Current
Oscillation Mode
Supply Voltage
Frequency Range
Initial Frequency Tolerance at 25after 2 Reflows
Vs. Temperature ( - 40 ~ + 85 )
Vs. Load ( ± 5 % )
Vs. Supply Voltage ( ± 5 % )
Storage Temperature Range
Auto Frequency Control Range (Option)
Start-up Time
Harmonics
Phase Noise at 1KHz Offset
Aging
24 Hr Holdover Stability (Option) [#1]
Free Run Stability for 20 Years (Option) [#2]
Fundamental
2.7 ~ 5.5 V
10 ~ 52 MHz
±
2.0 ppm
±
0.28 / ±0.5 / ±2.0 ppm
±
0.1 ppm Max.
±
0.1 ppm Max.
-55 ~ +125
±
5 ~ ± 16 ppm (1.5 ± 1 V)
2.5 ms Max.
-5 dBc Max.
-130 dBc/Hz
±
1 ppm / year Max.
±
40 ppb
±
4.6 ppm
Clipped Sinewave
10KΩ//10pF
0.8 Vp-p Min.
5 mA Max.
CMOS
15pF
Output Low (VOL)
Output High (VOH)
0.1 * Vcc Max.
0.9 * Vcc Min.
10 mA Max.
[#1] 24 hours at constant temperature after 48 hours operation.
[#2] Inclusive of initial tolerance at 25, temperature, supply voltage ±5%, load ±5%, reflow soldering and ageing 20 years.
Frequency Tolerance
Pin Connection
Recommended Land Pattern


Similar Part No. - 7P-SERIES

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
7P-SAN JST-7P-SAN Datasheet
81Kb / 2P
SAN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
logo
List of Unclassifed Man...
7P-SHF-1AA ETC2-7P-SHF-1AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
More results

Similar Description - 7P-SERIES

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM20 ILSI-ISM20 Datasheet
130Kb / 2P
Tristate function available
logo
TXC Corporation.
7L-SERIES TXC-7L-SERIES Datasheet
996Kb / 1P
Voltage Control Function Available.
7N-SERIES TXC-7N-SERIES Datasheet
1Mb / 1P
Voltage Control Function Available
7N-SERIES TXC-7N-SERIES_V01 Datasheet
1Mb / 1P
Voltage Control Function Available
7Q-SERIES TXC-7Q-SERIES Datasheet
980Kb / 1P
Voltage Control Function Available.
7Z-SERIES TXC-7Z-SERIES Datasheet
974Kb / 1P
Voltage Control Function Available.
8P-SERIES TXC-8P-SERIES Datasheet
985Kb / 1P
Voltage Control Function Available.
AK-SERIES TXC-AK-SERIES Datasheet
2Mb / 1P
Voltage Control Function Available.
AL-SERIES TXC-AL-SERIES Datasheet
1,001Kb / 1P
Voltage Control Function Available.
AQ-SERIES TXC-AQ-SERIES Datasheet
993Kb / 1P
Voltage Control Function Available.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com