Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXTHS2SEF482B Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SXTHS2SEF482B
Description  Metal Can DIP 2 Lead Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SXTHS2SEF482B Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SXTHS2SEF482B Datasheet HTML 1Page - Suntsu Electronics, Inc. SXTHS2SEF482B Datasheet HTML 2Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SXTHS2 Series
Metal Can DIP 2 Lead Crystal
HC-49/US
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
HEIGHT OF PACKAGE
2 : 2.5mm Max
3 : 3.5mm Max
SXT HS 2 18 A A 48 3 T - 16.000M
S : Series
7-30 : 7pF - 30pF
SUNTSU CRYSTAL
HC-49/US DIP
2 LEAD
LOAD CAPACITANCE
OPERATING TEMPERATURE
RANGE**
MODE OF OPERATION
• ±10ppm/±10ppm (Tolerance/Stability)
Available
• RESISTANCE WELD
• AT-Cut or BT-Cut
• Bulk Packing
• Microprocessors
• Computers
• Modems
• Wireless Applications
Features
Applications
COMPLIANT
FREQUENCY TOLERANCE
FREQUENCY
FREQUENCY STABILITY
Frequency Range
Frequency Stability vs. Aging
Frequency Range
Operating Temperature
Frequency Tolerance at +25ºC
Storage Temperature
Frequency Stability vs. Op Temp
Load Capacitance
Shunt Capacitance
AT-Cut Fundamental
First year @ +25ºC.
BT-Cut Fundamental
See part numbering guide for options.
See part numbering guide for options.
See part numbering guide for options.
See part numbering guide for options.
MHz
ppm
MHz
°C
ppm
°C
ppm
pF
pF
40
+3
50
+85
+125
+10
30
7
3
-3
20
-40
-10
-40
-10
7
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
E : ±15ppm
F : ±10ppm
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
E : ±15ppm
F : ±10ppm*
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
5.000MHz
~
5.999MHz
Drive Level
6.000MHz
~
7.999MHz
Insulation Resistance
8.000MHz
~
8.999MHz
3.000MHz
~
4.999MHz
9.000MHz
~
19.999MHz
20.000MHz ~ 40.000MHz
AT-Cut Fundamental
AT-Cut Fundamental
@ 100VDC ± 15V.
AT-Cut Fundamental
AT-Cut Fundamental
AT-Cut Fundamental
AT-Cut Fundamental
100
Ω
µW
Ω
MΩ
Ω
Ω
Ω
Ω
120
500
100
80
180
60
30
500
20.000MHz ~ 50.000MHz
BT-Cut Fundamental
Ω
40
24.000MHz ~ 39.999MHz
3rd Overtone
Ω
100
40.000MHz ~ 90.000MHz
3rd Overtone
Ω
80
+10
ESR -
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* For frequency stability option F contact a Suntsu representative. ** For operating temperatures of -55-125°C a Suntsu representative.
Frequency Range
3rd Overtone
MHz
24
90
BLANK : Fundamental
T : 3rd Overtone
B : BT-Cut Fundamental
Part Numbering Guide
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum


Similar Part No. - SXTHS2SEF482B

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SXTHM2 SUNTSU-SXTHM2 Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
SXTHM218AA484T-4.000M SUNTSU-SXTHM218AA484T-4.000M Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
SXTHM2SAA073 SUNTSU-SXTHM2SAA073 Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
SXTHM2SAA073B SUNTSU-SXTHM2SAA073B Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
SXTHM2SAA073T SUNTSU-SXTHM2SAA073T Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
More results

Similar Description - SXTHS2SEF482B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
K02C NSC-K02C Datasheet
49Kb / 1P
METAL CAN, TO-3 2 LEAD LOW PROFILE
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
HC49US ILSI-HC49US Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
IXF ILSI-IXF Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
HC49U ILSI-HC49U Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
logo
Suntsu Electronics, Inc...
SCM832 SUNTSU-SCM832 Datasheet
187Kb / 2P
Cylindrical DIP 2 Lead Crystal
SXTHM2 SUNTSU-SXTHM2 Datasheet
460Kb / 2P
Metal Can SMT 2 Pad Crystal
SXTHM4 SUNTSU-SXTHM4 Datasheet
362Kb / 2P
Metal Can SMT 4 Pad Crystal
SXTHU2 SUNTSU-SXTHU2 Datasheet
185Kb / 2P
Metal Can DIP 2 Lead Crystal
SXTUM2 SUNTSU-SXTUM2 Datasheet
165Kb / 2P
Metal Can DIP 2 Lead Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com