Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # AX-SERIES
Description  Superior and reliable performance in harsh environment.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

AX-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  AX-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
SMD
Glass Sealing Crystals
8.0 x 4.5 x 1.6 mm AX Series
Features
.
Reliable glass sealed ceramic package.
.
Wide operating temperature range.
.
Superior and reliable performance in harsh environment.
.
Application : TPMS, ECM, ABS and sensor modules.
.
Contains Pb in sealing glass exempted by RoHS directive.
Electrical Specifications
Equivalent Series Resistance(ESR)
Dimensions
Item / Type
Fundamental
AX
Frequency Range
Overtone
Frequency Tolerance (at 25 ℃)
Frequency Stability Over Operating Temperature Range
Operating Temperature Range
Drive Level
Load Capacitance
Storage Temperature Range
Reliability Standard
6 ~ 10 MHz
10 ~ 12 MHz
12 ~ 40 MHz
150 Ω Max.
100 Ω Max.
80 Ω Max.
6 ~ 40 MHz
Fundamental
±
30 ppm, ± 50 ppm Max.
±
150 ppm Max.
- 40 ~ +150 ℃
10 μW (typical) ; 500 μW (Max.)
12 pF, or specify
- 40 ~ +150 ℃
AEC-Q200


Similar Part No. - AX-SERIES

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-ANT21-868 ONSEMI-AX-SF10-ANT21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
235Kb / 13P
Compliant Modules
April, 2016 ??Rev. 3
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
More results

Similar Description - AX-SERIES

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
OA2547 ORIONFANS-OA2547 Datasheet
304Kb / 1P
AC - Harsh Environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4 POWERDYNAMICS-PD-HEC2-MCC-4 Datasheet
236Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
HARSH ENVIRONMENT CONNECTOR
logo
TXC Corporation.
AY-SERIES TXC-AY-SERIES Datasheet
970Kb / 1P
Superior performance and stringent reliability in harsh environment.
AZ-SERIES TXC-AZ-SERIES Datasheet
968Kb / 1P
Superior performance and stringent reliability in harsh environment.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com