Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRDN010W Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DRDN010W
Description  COMPLEX ARRAY FOR RELAY DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDN010W Datasheet(HTML) 5 Page - Diodes Incorporated

  DRDN010W Datasheet HTML 1Page - Diodes Incorporated DRDN010W Datasheet HTML 2Page - Diodes Incorporated DRDN010W Datasheet HTML 3Page - Diodes Incorporated DRDN010W Datasheet HTML 4Page - Diodes Incorporated DRDN010W Datasheet HTML 5Page - Diodes Incorporated DRDN010W Datasheet HTML 6Page - Diodes Incorporated DRDN010W Datasheet HTML 7Page - Diodes Incorporated DRDN010W Datasheet HTML 8Page - Diodes Incorporated DRDN010W Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS30573 Rev. 8 - 2
5 of 9
DRD (xxxx) W
www.diodes.com
0
50
100
100
200
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Power Derating Curve (Total Device)
150
200
250
0
1
1000
100
0.0001
.001
.01
1
10
.1
I , COLLECTOR CURRENT (A)
C
Fig. 2, Typical DC Current Gain vs
Collector Current (DRDN010W)
V
= 1.0V
CE
1
100
10
0.1
1
10
100
V
, COLLECTOR-BASE VOLTAGE (V)
CB
Fig. 3, Output Capacitance vs.
Collector-Base Voltage (DRDN010W)
f = 1MHz
1
10
1000
100
0.0001
.001
.01
.1
1
10
I , COLLECTOR CURRENT (A)
C
Fig. 4, Collector Saturation Voltage vs
Collector Current (DRDN010W)
Device Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com