Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP1K0910JD Datasheet(PDF) 1 Page - Schneider Electric

Part # LP1K0910JD
Description  TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 12 V DC coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LP1K0910JD Datasheet(HTML) 1 Page - Schneider Electric

  LP1K0910JD Datasheet HTML 1Page - Schneider Electric LP1K0910JD Datasheet HTML 2Page - Schneider Electric LP1K0910JD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
LP1K0910JD
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1
NO aux. - 12 V DC coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 92.00 USD
Main
Range of product
TeSys K
Range
TeSys
Product or component type
Contactor
Device short name
LP1K
Contactor application
Resistive load
Motor control
Utilisation category
AC-3
AC-4
AC-1
Poles description
3P
Pole contact composition
3 NO
[Ie] rated operational current
20 A 122 °F (50 °C)) <= 440 V AC AC-1 power circuit
9 A<= 440 V AC AC-3 power circuit
16 A 158 °F (70 °C)) 690 V AC AC-1 power circuit
Auxiliary contact composition
1 NO
Complementary
Auxiliary contacts type
Instantaneous 1 NO
Control circuit voltage limits
Operational: 0.8...1.15 Uc (at <50 °C)
Drop-out 0.1...0.75 Uc 122 °F (50 °C))
[Ui] rated insulation voltage
Power circuit 600 V UL 508
Power circuit 690 V IEC 60947-4-1
Signalling circuit 690 V IEC 60947-4-1
Signalling circuit 690 V IEC 60947-5-1
Signalling circuit 600 V UL 508
Power circuit 600 V CSA C22.2 No 14
Signalling circuit 600 V CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
8 kV
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Apr 27, 2021
1


Similar Part No. - LP1K0910JD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LP1K09103BD SCHNEIDER-LP1K09103BD Datasheet
115Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP1K09105BD SCHNEIDER-LP1K09105BD Datasheet
145Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
logo
Schneider Electric
LP1K0910BD SCHNEIDER-LP1K0910BD Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP1K0910BD3 SCHNEIDER-LP1K0910BD3 Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
More results

Similar Description - LP1K0910JD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LP1K0901JD SCHNEIDER-LP1K0901JD Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 12 V DC coil
Apr 27, 2021
LP1K0910BD SCHNEIDER-LP1K0910BD Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP1K0910BD3 SCHNEIDER-LP1K0910BD3 Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP1K0910ED SCHNEIDER-LP1K0910ED Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 48 V DC coil
Apr 27, 2021
LP1K1210JD SCHNEIDER-LP1K1210JD Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 12 V DC coil
Apr 27, 2021
LP1K09103BD SCHNEIDER-LP1K09103BD Datasheet
115Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP1K09105BD SCHNEIDER-LP1K09105BD Datasheet
145Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP4K0910BW3 SCHNEIDER-LP4K0910BW3 Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
LP4K0910JW3 SCHNEIDER-LP4K0910JW3 Datasheet
149Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 12 V DC coil
Apr 27, 2021
LP4K09103BW3 SCHNEIDER-LP4K09103BW3 Datasheet
115Kb / 3P
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V DC coil
Apr 27, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com