Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC260A Datasheet(PDF) 13 Page - Analog Devices

Part # HMC260A
Description  10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC260A Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC260A Datasheet HTML 8Page - Analog Devices HMC260A Datasheet HTML 9Page - Analog Devices HMC260A Datasheet HTML 10Page - Analog Devices HMC260A Datasheet HTML 11Page - Analog Devices HMC260A Datasheet HTML 12Page - Analog Devices HMC260A Datasheet HTML 13Page - Analog Devices HMC260A Datasheet HTML 14Page - Analog Devices HMC260A Datasheet HTML 15Page - Analog Devices HMC260A Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
HMC260A
Rev. 0 | Page 13 of 16
THEORY OF OPERATION
The HMC260A is a general-purpose, double balanced mixer
that can be used as an upconverter or a downconverter from
10 GHz to 26 GHZ.
When used a downconverter, the HMC260A downconverts RF
values between 10 GHz and 26 GHz to IF values between dc
and 8 GHz.
When used as an upconverter, the mixer upconverts IF values
between dc and 8 GHz to RF values between 10 GHz and 26 GHz.
The mixer performs well with LO drive values of 13 dBm or
above, and the device provides excellent LO to RF and LO to IF
suppression due to optimized balun structures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com