Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT4356-1 Datasheet(PDF) 21 Page - Analog Devices

Part # LT4356-1
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4356-1 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT4356-1 Datasheet HTML 17Page - Analog Devices LT4356-1 Datasheet HTML 18Page - Analog Devices LT4356-1 Datasheet HTML 19Page - Analog Devices LT4356-1 Datasheet HTML 20Page - Analog Devices LT4356-1 Datasheet HTML 21Page - Analog Devices LT4356-1 Datasheet HTML 22Page - Analog Devices LT4356-1 Datasheet HTML 23Page - Analog Devices LT4356-1 Datasheet HTML 24Page - Analog Devices LT4356-1 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT4356-1/LT4356-2
21
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Overvoltage Regulator with Reverse Input Protection Up to –80V
250mA High Voltage Low Dropout Linear Regulator
CTMR
0.1µF
RSNS
10m
M1
IRLR2908
M2
IRLR2908
VIN
12V
VOUT
12V, 3A
CLAMPED
AT 16V
4356 TA08
LT4356DE
GND
TMR
10
1
OUT
SNS
VCC
3
5
SHDN
7
AOUT
11
IN+
12
6
EN
FLT
FB
9
8
2
D2*
SMAJ58CA
R2
4.99k
R1
59k
GATE
4
R7
10k
D3**
IN4148
* DIODES INC.
** OPTIONAL COMPONENT FOR
REDUCED STANDBY CURRENT
R5
1M
Q1
2N3904
D1
1N4148
R3
10
R4
10
M1
PSMN4R8 –100BSE
VIN
20V
VOUT
16V/250mA
RSNS
0.2
4356 TA09
LT4356DE
GND
TMR
10
1
OUT
SNS
3
5
SHDN
7
FLT
8
EN
9
VCC
6
FB
2
R2
4.99k
R3
7.5k
R1
59k
CL
100µF
GATE
4
R3
10
*THE OUTPUT LOAD STEP
RESPONSE IS SLOW DUE TO
THE RESPONSE TIME OF THE
INTERNAL CHARGE PUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com