Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8139 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8139
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8139 Datasheet HTML 8Page - Analog Devices AD8139 Datasheet HTML 9Page - Analog Devices AD8139 Datasheet HTML 10Page - Analog Devices AD8139 Datasheet HTML 11Page - Analog Devices AD8139 Datasheet HTML 12Page - Analog Devices AD8139 Datasheet HTML 13Page - Analog Devices AD8139 Datasheet HTML 14Page - Analog Devices AD8139 Datasheet HTML 15Page - Analog Devices AD8139 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT5401
16
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2019
www.analog.com
11/19
RELATED PARTS
TYPICAL APPLICATION
Precision Difference Amplifier, G = 1V
5401 TA02
+IN
–IN
+5V
–5V
OUT1
T1C
T1B
T1A
T2A
IN1
IN2
T2B
T2C
OUT2
R1D
R1C
R1B
R2B
R2C
R2D
R1A
R2A
IN–
IN+
ADA4899
LT5401
–
+
PART NUMBER
DESCRIPTION
COMMENTS
Fully Differential Amplifiers
AD8139
Low Noise, Rail-to-Rail, Differential ADC Driver
24.5mA, –95dBc Distortion at 2MHz, 2VP-P Output
AD8138
Low Distortion, Differential ADC Driver
20mA, –94dBc Distortion at 5MHz, 2VP-P Output
LT1994
70MHz Low Noise, Low Distortion Fully Differential Input/Output
Amplifier/Driver
13mA, –94dBc Distortion at 1MHz, 2VP-P Output
AD8132
Low Cost, High Speed Differential Amplifier
10.7mA, –96dBc Distortion at 1MHz, 2VP-P Output
ADA4932-1/ADA4932-2
Low Power, Differential ADC Driver
9.6mA, –110dBc Distortion at 1MHz, 2VP-P Output
AD8137
Low Cost, Low Power, Differential ADC Driver
2.6mA, –84dBc Distortion at 1MHz, 2VP-P Output
LTC6363
Precision, Low Power Differential Amplifier/ADC Driver
1.75mA, –123dBc Distortion at 1kHz, 18VP-P Output
LTC6363-1/LTC6363-2/
LTC6363-0.5
Precision, Fixed Gain, Low Power Differential Amplifier/ADC
Driver Family
1.75mA, –123dBc Distortion at 1kHz, 18VP-P Output
ADA4945
High Speed, Low Drift Fully Differential ADC Driver
1.4mA/4mA, –116dBc Distortion at 100kHz, 8VP-P Output
ADA4940-1/ADA4940-2
Ultralow Power, Low Distortion, Fully Differential ADC Drivers
1.25mA, –96dBc Distortion at 1MHz, 2VP-P Output
LTC6362
Precision, Low Power Rail-to-Rail Input/Output Differential Op
Amp/SAR ADC Driver
1mA, –116dBc Distortion at 1kHz, 8VP-P Output
Operational Amplifiers
LTC6228/LTC6229
Single/Dual 700MHz Low Noise Op Amp
16mA/Amplifier, 0.88nV/√Hz
ADA4899-1
Single 600MHz Ultralow Distortion and Noise Op Amp
14.7mA, 1nV/√Hz
ADA4896-2/ADA4897-1/
ADA4897-2
Single/Dual 230MHz Low Power and Noise Op Amp
3mA/Amplifier, 1nV/√Hz
LTC6252/LTC6253/
LTC6254
Single/Dual/Quad 720MHz RRIO Power Efficient Op Amps
3.5mA/Amplifier, 2.75nV/√Hz
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad 180MHz Rail-to-Rail Low Power Op Amps
1mA/Amplifier, 4.2nV/√Hz
Matched Resistor Networks
LT5400
Precision Quad Matched Resistor Network
Ratios = 1:1, 1:4, 1:5, 1:9, 1:10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com