Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDU-AP2R-B Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # PDU-AP2R-B
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PDU-AP2R-B Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  PDU-AP2R-B Datasheet HTML 1Page - M-System Co.,Ltd. PDU-AP2R-B Datasheet HTML 2Page - M-System Co.,Ltd. PDU-AP2R-B Datasheet HTML 3Page - M-System Co.,Ltd. PDU-AP2R-B Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: PDU
PDU SPECIFICATIONS
ES-1368 Rev.10 Page 4/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
107 (4.21)
127 (5)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT
6
1
2
U(+)
V(–)
POWER
7
8
12V Supply
INPUT
5
+
–
3
4
+
SENSOR EXCITATION
One-shot
+
■ Dry Contact
Input Connection Examples
+
–
–
PWR
■ Voltage Pulse
+
+
–
–
PWR
■ Open Collector
Output Connection Examples
+
–
1
2
+
–
■ Voltage Pulse
+
–
1
2
+
–
■ Relay Contact
• AC Powered
1
2
LOAD
Relay or
Counter Coil
Varistor or Spark
Quenching CIrcuit
• DC Powered
1
2
LOAD
Relay or
Counter Coil
Spark Quenching
Diode
SCALING
FACTOR ADJ.
Scaler
PULSE
WIDTH ADJ.
SENSITIVITY
ADJ.
7.5kΩ
+7.5V
+
–
3
4
+ 5
+
–
3
4
+ 5
■ 2-Wire Current Pulse
• Built-in Excitation
3
5
4
–
+
Vsns
2-WIRE
PICK-UP
• External DC Supply
3
5
4
–
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
220Ω
220Ω
U
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com