Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHC943WM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74VHC943WM
Description  300 Baud Modem (5V Supply)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC943WM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74VHC943WM Datasheet HTML 1Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 2Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 3Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 4Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 5Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 6Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 7Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 8Page - National Semiconductor (TI) 74VHC943WM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings (Notes12)
Supply Voltage (VCC)
b
05 to a70V
DC Input Voltage (VIN)
b
15 to VCCa15V
DC Output Voltage (VOUT)
b
05 to VCCa05V
Clamp Diode Current (IIK IOK)
g
20 mA
DC Output Current per pin (IOUT)
g
25 mA
DC VCC or GND Current per pin (ICC)
g
50 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
(Note 3)
600 mW
SO Package only
500 mW
Lead Temp (TL) (Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
DC Input or Output Voltage
0
VCC
V
(VIN VOUT)
Operating Temp Range (TA)
74VHC
b
40
a
85
C
Input Rise or Fall Times
(tr tf)
500
ns
Crystal frequency
3579
MHz
DC Electrical Characteristics VCCe5V g10% unless otherwise specified
74VHC
74VHC
Symbol
Parameter
Conditions
TAe25 CTAeb40 Cto a85 C
Units
Typ
Guaranteed Limits
VIH
Minimum High Level
315
315
V
Input Voltage
VIL
Maximum Low Level
11
11
V
Input Voltage
VOH
Minimum High Level
VIN e VIH or VIL
Output Voltage
lIOUTl e 20 mAVCCb005 VCCb01
VCCb01
V
lIOUTl e 40 mA VCC e 45V
384
37
VOL
Maximum Low Level
VIN e VIH or VIL
Voltage
lIOUTl e 20 mA
01
01
V
lIOUTl e 40 mA VCC e 45V
033
04
IIN
Maximum Input
VIN e VCC or GND
g
01
g
10
m
A
Current
IOZ
Output TRI-STATE
ALB e SQT e VCC
Leakage Current
g
5
m
A
RXD and CD Outputs
ICC
Maximum Quiescent
VIH e VCC VIL e GND
80
100
100
mA
Supply Current
ALB or SQT e GND
IGNDA
Analog Ground Current
Transmit Level eb9 dBm
10
20
20
mA
ICC
Power Down Supply Current
ALB e SQT e VCC
300
m
A
VIH e VCC VIL e GND
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Power Dissipation temperature derating
plastic ‘‘N’’ package b12 mW C from 65 Cto85 C
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com