Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD1520FX Datasheet(PDF) 2 Page - STMicroelectronics

Part # HD1520FX
Description  HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HD1520FX Datasheet(HTML) 2 Page - STMicroelectronics

  HD1520FX Datasheet HTML 1Page - STMicroelectronics HD1520FX Datasheet HTML 2Page - STMicroelectronics HD1520FX Datasheet HTML 3Page - STMicroelectronics HD1520FX Datasheet HTML 4Page - STMicroelectronics HD1520FX Datasheet HTML 5Page - STMicroelectronics HD1520FX Datasheet HTML 6Page - STMicroelectronics HD1520FX Datasheet HTML 7Page - STMicroelectronics HD1520FX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD1520FX
2/8
Table 3: Thermal Data
Table 4: Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 ms, duty cycle
≤ 1.5 %.
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Rthj-case
Thermal Resistance Junction-Case
Max
1.95
oC/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 1500 V
VCE = 1500 V
TC = 125 oC
0.2
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
10
µA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0 )
IC = 100 mA
700
V
VEBO
Emitter-Base Voltage
(IC = 0 )
IE = 10 mA
10
V
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = 9 A
IB = 1.8 A
3
V
VBE(sat)* Base-Emitter Saturation
Voltage
IC = 9 A
IB = 1.8 A
1.3
V
hFE
DC Current Gain
IC = 1 A
VCE = 5 V
IC = 9 A
VCE = 1 V
IC = 9 A
VCE = 5 V
5.5
26
5
9.5
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 9 A
fh = 31250 Hz
IB(on) = 1.3 A
IB(off) = -4.2 A
LBB(on) = 1.9 µH
VBE(off) = -2.7 V
VCE(fly) = 1040 V
3.2
220
4
300
µs
ns
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com