Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3964C/DW Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3964C/DW
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3964C/DW Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3964C/DW Datasheet HTML 1Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 2Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 3Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 4Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 5Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 6Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 7Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 8Page - Maxim Integrated Products MAX3964C/DW Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX3964 EV kit, VCC = +3.3V, decibels (dB) calculated as 20 log ∆V, PECL outputs terminated with 50Ω to (VCC - 2V), TA =
+25°C, unless otherwise noted.)
0
0.6
1.2
2.4
1.8
3.0
-50
0
-25
25
50
75
100
DATA OUTPUT EDGE SPEED
(20% to 80%) vs. TEMPERATURE
TEMPERATURE (°C)
MAX3968
MAX3964/MAX3965
LOS OPERATION WITH SQUELCH
DATA
OUTPUT
LOS+
DATA
INPUT
10
µs/div
1ns/div
MAX3964/MAX3965
EYE DIAGRAM (INPUT = 3.3mV)
200mV/div
1600
600
0.1
1
10
100
1k
10k
OUTPUT AMPLITUDE vs. INPUT VOLTAGE
(DIFFERENTIAL SIGNAL LEVELS)
800
INPUT VOLTAGE (mV)
1000
1200
1400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com