Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVB28-E Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP47FVB28-E
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28-E Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP47FVB28-E Datasheet HTML 53Page - Microchip Technology MCP47FVB28-E Datasheet HTML 54Page - Microchip Technology MCP47FVB28-E Datasheet HTML 55Page - Microchip Technology MCP47FVB28-E Datasheet HTML 56Page - Microchip Technology MCP47FVB28-E Datasheet HTML 57Page - Microchip Technology MCP47FVB28-E Datasheet HTML 58Page - Microchip Technology MCP47FVB28-E Datasheet HTML 59Page - Microchip Technology MCP47FVB28-E Datasheet HTML 60Page - Microchip Technology MCP47FVB28-E Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 57
MCP47FXBX4/8
4.2.6
WIPERLOCK TECHNOLOGY
The MCP47FXBX4/8 WiperLock technology allows
application-specific device settings (DAC register and
configuration) to be secured without requiring the use
of an additional write-protect pin. There are two Con-
figuration bits (DLn:CLn) for each DAC channel (DAC0
through DAC7).
Dependent on the state of the DLn:CLn Configuration
bits, WiperLock technology prevents the serial
commands from the following actions on the DACn
registers and bits:
• Writing to the specified volatile DACn register
memory location
• Writing to the specified nonvolatile DACn register
memory location
• Writing to the specified volatile DACn Configura-
tion bits
• Writing to the specified nonvolatile DACn
Configuration bits
Each pair of these Configuration bits controls one of
the four modes. These modes are shown in Table 4-4.
The addresses for the Configuration bits are shown in
Table 4-4.
To modify the Configuration bits, the HVC pin must be
forced to the VIHH state and then an enable or disable
command must be received for the desired pair of
DAC register addresses.
Refer to Section 7.4.2 “Enable Configuration Bit
(High-Voltage)” and Section 7.4.3 “Disable Config-
uration Bit (High-Voltage)” commands for operation.
4.2.6.1
POR/BOR Operation with
WiperLock Technology Enabled
The WiperLock Technology state is not affected by a
POR/BOR event. A POR/BOR event will load the
volatile DACn register values with the nonvolatile or
default factory values (in case of volatile memory only
devices).
4.2.7
I2C SLAVE ADDRESS WRITE
PROTECT
The MCP47FEBX4/8 I2C Slave Address is stored in the
EEPROM memory. This allows the address to be mod-
ified to the application’s requirement. To ensure that the
I2C Slave address is not unintentionally modified, the
memory has a high-voltage write protect bit. This Con-
figurations bit is shown in Table 4-3.
Example: To modify the CL0 bit, the enable or disable
command specifies address 00h, while to modify the
DL0 bit, the enable or disable command specifies
address 10h.
Note:
During device communication, if the
device address/command combination is
invalid or an unimplemented address is
specified, the MCP47FXBX4/8 will NACK
that byte. To reset the I2C state machine,
the I2C communication must detect a Start
bit.
Note:
To modify the SALCK bit, the Enable or
Disable command specifies address 1Ah.
TABLE 4-3:
SALCK FUNCTIONAL
DESCRIPTION
SALCK Operation
1
The nonvolatile I2C Slave Address bits
(ADD6:ADD2) are locked
0
The nonvolatile I2C Slave Address bits
(ADD6:ADD2) are unlocked
TABLE 4-4:
WIPERLOCK™ TECHNOLOGY CONFIGURATION BITS - FUNCTIONAL DESCRIPTION
DLn:CLn(1)
Register/Bits
Comments
DACn Wiper
DACn Configuration(1)
Volatile
Nonvolatile
Volatile
Nonvolatile
11
Locked
Locked
Locked
Locked
All DACn registers are locked.
10
Locked
Locked
Unlocked
Locked
All DACn registers are locked, except for volatile
DACn Configuration registers.
This allows operation of Power-Down modes.
01
Unlocked
Locked
Unlocked
Locked
Volatile DACn registers unlocked, nonvolatile
DACn registers locked.
00
Unlocked
Unlocked
Unlocked
Unlocked
All DACn registers are unlocked.
Note 1:
The state of these Configuration bits (DLn:CLn) is reflected in WLnB:WLnA bits, as shown in Register 4-6.
DAC Configuration bits include Voltage Reference Control bits (VRnB:VRnA), Power-Down Control bits
(PDnB:PDnA), and Output Gain bits (Gx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com