Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPD-C4P1R-V/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # PPD-C4P1R-V/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PPD-C4P1R-V/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  PPD-C4P1R-V/Q Datasheet HTML 1Page - M-System Co.,Ltd. PPD-C4P1R-V/Q Datasheet HTML 2Page - M-System Co.,Ltd. PPD-C4P1R-V/Q Datasheet HTML 3Page - M-System Co.,Ltd. PPD-C4P1R-V/Q Datasheet HTML 4Page - M-System Co.,Ltd. PPD-C4P1R-V/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: PPD
PPD SPECIFICATIONS
ES-1370 Rev.13 Page 5/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
107 (4.21)
127 (5)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
5
4
+
10kΩ
■ Dry Contact
Input Connection Examples
+
–
–
Vsns
PWR
■ 2-Wire Current Pulse
• Built-in Excitation
3
5
4
–
+
Vsns
2-WIRE
PICK-UP
• External DC Supply
3
5
4
–
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
■ Voltage Pulse
3
5
4
+
+
–
–
Vsns
PWR
■ Open Collector
Output Connection Examples
+
–
1
2
+
–
■ Voltage Pulse
+
–
1
2
+
–
■ Power Photo MOSFET Relay
• AC Powered
1
2
LOAD
Relay or
Counter Coil
Varistor or Spark
Quenching Circuit
• DC Powered
1
2
LOAD
Relay or
Counter Coil
Spark Quenching
Diode
+
–
Isolation
Base Socket
Waveform
Shaper
One-Shot *
OUTPUT
6
1
2
U(+)
V(–)
POWER
7
8
Output
Driver
+
–
INPUT
3
5
4
+
SENSOR EXCITATION
Excitation
Supply
100Ω
100Ω
VOLTAGE ADJ.
* Provided only when the one-shot output is specified.
Note: With 24V excitation and dry contact input, the voltage across the
terminals 3 – 4, divided in the waveform shaper, is of approx. 16V.
U
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com