Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CFE9 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button COP8CFE9 Datasheet HTML 48Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 49Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 50Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 51Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 52Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 53Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 54Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 55Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
13.0 Instruction Set (Continued)
If Equal (IFEQ)
If Not Equal (IFNE)
If Greater Than (IFGT)
If Carry (IFC)
If Not Carry (IFNC)
If Bit (IFBIT)
If B Pointer Not Equal (IFBNE)
And Skip if Zero (ANDSZ)
Decrement Register and Skip if Zero (DRSZ)
13.4.9 No-Operation Instruction
The no-operation instruction does nothing, except to occupy
space in the program memory and time in execution.
No-Operation (NOP)
Note: The VIS is a special case of the Indirect Transfer of
Control addressing mode, where the double byte vector
associated with the interrupt is transferred from adjacent
addresses in the program memory into the program counter
(PC) in order to jump to the associated interrupt service
routine.
13.5 REGISTER AND SYMBOL DEFINITION
The following abbreviations represent the nomenclature
used in the instruction description and the COP8 cross-
assembler.
Registers
A
8-Bit Accumulator Register
B
8-Bit Address Register
X
8-Bit Address Register
Registers
S
8-Bit Segment Register
SP
8-Bit Stack Pointer Register
PC
15-Bit Program Counter Register
PU
Upper 7 Bits of PC
PL
Lower 8 Bits of PC
C
1 Bit of PSW Register for Carry
HC
1 Bit of PSW Register for Half Carry
GIE
1 Bit of PSW Register for Global Interrupt
Enable
VU
Interrupt Vector Upper Byte
VL
Interrupt Vector Lower Byte
Symbols
[B]
Memory Indirectly Addressed by B Register
[X]
Memory Indirectly Addressed by X Register
MD
Direct Addressed Memory
Mem
Direct Addressed Memory or [B]
Meml
Direct Addressed Memory or [B] or
Immediate Data
Imm
8-Bit Immediate Data
Reg
Register Memory: Addresses F0 to FF
(Includes B, X and SP)
Bit
Bit Number (0 to 7)
←
Loaded with
↔
Exchanged with
www.national.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com