Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM16C02 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PCM16C02 Datasheet HTML 12Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 13Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 14Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 15Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 16Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 17Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 18Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 19Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
50 Functional Description (Continued)
Device Select Register
IO window base address a 2
Bits D0 – D3 of the Device Select Register are used to assert
specific CE
pins per the function table listed below
D7–D4D3D2D1D0
RFU
n3
n2
n1
n0
NAND (NM29N16) ReadWrite Enable STROBE
IO window base address a 4
OR Any Common Memory Access
The REWE Enable Strobe allows RE
and WE
asser-
tions to be generated whenever the following conditions are
present
MEMORY SPACE ACCESS
If NAND Flash (NM29N16) Configuration Register (03F8)
bit D0 (NAND
EN) is set High and bit D3 (mem
io
space) is set High
RE
e
(HOE
e
L) and (REG
e
H)
WE
e
(HWE
e
L) and (REG
e
H)
IO SPACE ACCESS
If NAND Flash (NM29N16) Configuration Register (03F8)
bit D0 (NAND
EN) is set High and bit D3 (mem
io
space) is set Low
RE
e
(Func 0 base addr a 4) and (REG
e
L)
and (HIORD
e
L)
WE
e
(Func 0 base addr a 4) and (REG
e
L)
and (HIOWR
e
L)
TLF11688 – 6
TABLE 5-2 Functional Description of NAND Flash (NM29N16) Mode Register Set
Note
If BC e 0 only one CE
NAND( )
is enabled at a
time
If
BC
e
1
CE
NAND( ) ’s reflect the binary
representation of the selected
NAND (NM29N16) (up to 15)
that may be externally decod-
ed (See example below)
TLF11688 – 5
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com