Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC17C724R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC17C724R2
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC17C724R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17C724
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. tPLH and tPHL Timing
Figure 5. Low-Voltage Detection Timing
Table 5. Truth Table
10%
50%
OUTA,
OUTB
90%
tPLH
tPHL
IN1,
IN2,
PSAVE
tV
DDDET
0%
VDD
IM
50%
tV
DDDET
1.0 V
2.5 V
VDDDETon
VDDDEToff
90%
(<1.0
µA)
INPUT
OUTPUT
VDDDET
(20)
PSAVE(19)
IN1A
IN2A
IN1B
IN2B
OUT1A
OUT2A
OUT1B
OUT2B
LLLLL
Enabled
L
H
L
H
L
Enabled
L
L
H
L
H
Enabled
L
H
H
Z
Z
Enabled
HX
X
Z
Z
Disabled
H : High
L : Low
Z : High impedance
X : Don’t care
Notes
19.
Terminal 13 (PSAVE) is pulled up by an internal resistor.
20.
When VDD is lower than VDDDET while VM is applied, output becomes “Z” (high impedance); however, when PSAVE = “H”, the
low-voltage shutdown detection circuit is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com