Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2AC-A6C-M/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2AC-A6C-M/CE
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2AC-A6C-M/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2AC-A6C-M/CE Datasheet HTML 1Page - M-System Co.,Ltd. M2AC-A6C-M/CE Datasheet HTML 2Page - M-System Co.,Ltd. M2AC-A6C-M/CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M2AC
M2AC SPECIFICATIONS
ES-5036 Rev.16 Page 1/3
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
AC TRANSMITTER
Functions & Features
• Converts an alternating current/voltage input into a
standard process signal
• True RMS sensing
Typical Applications
• Converting high AC current in combination with a shunt
resistor, or narrow span AC voltage
Model
SPAN
ZERO
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2AC-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: M2AC-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M2AC-A1A-M2/CE/Q)
• Special input and output ranges (For codes AZ, A8, Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
AA: 0 – 10 mA AC (Input resistance 100 Ω)
AB: 0 – 50 mA AC (Input resistance 20 Ω)
AC: 0 – 100 mA AC (Input resistance 10 Ω)
AD: 0 – 500 mA AC (Input resistance 1 Ω)
AZ: Specify current (See INPUT SPECIFICATIONS)
(0 % input must be 0 mA.)
Voltage
A1: 0 – 100 mV AC (Input resistance Approx. 100 kΩ min.)
A2: 0 – 500 mV AC (Input resistance Approx. 100 kΩ min.)
A3: 0 – 1 V AC (Input resistance Approx. 100 kΩ min.)
A4: 0 – 5 V AC (Input resistance Approx. 100 kΩ min.)
A5: 0 – 10 V AC (Input resistance Approx. 100 kΩ min.)
A6: 0 – 120 V AC (Input resistance Approx. 100 kΩ min.)
A7: 0 – 150 V AC (Input resistance Approx. 100 kΩ min.)
A8: Specify voltage (See INPUT SPECIFICATIONS)
(0 % input must be 0 V.)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(90 – 264 V for UL)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(Select ‘/N’ for ‘Standards & Approvals’ code.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(110 V ±10 % for UL)
[4] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE or UL
/CE: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - M2AC-A6C-M/CE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2AC MACOM-M2AC Datasheet
328Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2AC MA-COM-M2AC Datasheet
972Kb / 3P
Double-Balanced Mixer
M2AC MA-COM-M2AC Datasheet
974Kb / 3P
Double-Balanced Mixer
logo
M-System Co.,Ltd.
M2AC MSYSTEM-M2AC Datasheet
102Kb / 3P
Super-mini Signal Conditioners Mini-M Series
logo
Saia-Burgess
M2ACAAAAK SAIA-BURGESS-M2ACAAAAK Datasheet
102Kb / 4P
E-Series and M-Series
More results

Similar Description - M2AC-A6C-M/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com