Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2AS1-6131-P/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2AS1-6131-P/CE
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2AS1-6131-P/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2AS1-6131-P/CE Datasheet HTML 1Page - M-System Co.,Ltd. M2AS1-6131-P/CE Datasheet HTML 2Page - M-System Co.,Ltd. M2AS1-6131-P/CE Datasheet HTML 3Page - M-System Co.,Ltd. M2AS1-6131-P/CE Datasheet HTML 4Page - M-System Co.,Ltd. M2AS1-6131-P/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M2AS1
M2AS1 SPECIFICATIONS
ES-5064 Rev.12 Page 2/5
http://www.m-system.co.jp/
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange input: -14 to +113.5 %
When the relay’s untripped point relative to the preset
alarm setpoint and deadband is out of this range, the relay
remains latched.
Setpoint adjustments: Thumbwheel switches (front);
0 – 99 % independently; 1 % increments
Deadband (hysteresis) : Thumbwheel switches (front);
1 – 99 % independently; 1 % increments
(latching output when set to 00)
Front LED: Red light turns on when the coil is energized.
Reset input: Latched output reset with the front control
button or remotely via base socket terminals.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
■ Reset Contact Input
ON resistance: ≤ 1 kΩ
Detecting level: ≤ 0.43 V
OFF resistance: ≥ 50 kΩ
Detecting level: ≥ 4 V
OUTPUT SPECIFICATIONS
■ Relay Contact:
120 V AC @5 A (cos ø = 1)
240 V AC @2.5 A (cos ø = 1)
30 V DC @5 A (resistive load)
Maximum switching voltage: 250 V AC or 120 V DC
Maximum switching power: 600 VA or 150 W
Minimum load: 5 V DC @10 mA
Mechanical life: 5 × 107 cycles
Alarm Trip Operation
Terminal No. in parentheses
Trip Operation in Power Failure: Terminals 8 – 12 turn on.
0
50
100
Input
(%)
▲
Setpoint
Output
(8–12)ON
(8–9)ON
0
50
100
▲
Input
(%)
Setpoint
(8–9)ON
Output
(8–12)ON
• Alarm Output Code : 1, 4
• Alarm Output Code : 2, 3
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Installation Base (model: M2BS) is not adaptable.
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Setpoint accuracy: ±0.5 %
Deadband setpoint accuracy: ±0.5 %
Power ON timer: Rating ±0.5 sec. or 20 %, whichever is
greater.
Trip point repeatability: ±0.05 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Delay time (response time with 90 % setpoint for a step
input 0 – 100 %)
Codes 1, 2: Rating ±25 msec.
Codes 3 to 8: Rating ±20 %
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com