Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2AS1-5222-P/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M2AS1-5222-P/CE
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2AS1-5222-P/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M2AS1-5222-P/CE Datasheet HTML 1Page - M-System Co.,Ltd. M2AS1-5222-P/CE Datasheet HTML 2Page - M-System Co.,Ltd. M2AS1-5222-P/CE Datasheet HTML 3Page - M-System Co.,Ltd. M2AS1-5222-P/CE Datasheet HTML 4Page - M-System Co.,Ltd. M2AS1-5222-P/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M2AS1
M2AS1 SPECIFICATIONS
ES-5064 Rev.12 Page 4/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Varistor or CR Circuit
■ Relay Protection
• AC Powered
• DC Powered
Diode, Varistor or
CR Circuit
Inductive
Load (Coil)
LOAD
Inductive
Load (Coil)
U
LOAD
Base Socket
5
Comparator
1
Low Drift
Amplifier
4
Converter
Converter
9
12
8
OUTPUT
*Input shunt resistor attached for current input.
9 9
THUMBWHEEL
SWITCHES
THUMBWHEEL
SWITCHES
9 9
N.C.
N.O.
COM
+
–
*
INPUT
RESET
R
U(+)
V(–)
POWER
13
14
RESET
CONTROL
Ry
FUNCTIONS
■ HIGH ALARM: When the signal input exceeds
the preset setpoint, the relay provides a tripped
condition.
• Hi Alarm
Input
t
Setpoint
Deadband
Bold Line
Thin Line
: Alarm Tripped
: Alarm Untripped
• Lo Alarm
Input
t
Setpoint
Deadband
Bold Line
Thin Line
: Alarm Tripped
: Alarm Untripped
Input
TD
T<TD
TD
t
Setpoint
Bold Line: Coil Energized
• ON Delay Time (TD) with Hi Alarm
• Power ON Delay Time (TDP) with Hi Alarm
Input
TDP
Power ON
t
Setpoint
Bold Line: Coil Energized
Deadband
Input
t
Setpoint
Reset Command
• Latching Output with Hi Alarm
■ LOW ALARM: When the signal input goes below
the preset setpoint, the relay provides a tripped
condition
■ ON DELAY TIME: The relay status does not change
until after the preset ON Delay Time (TD) once the
signal input goes across the threshold.
■ POWER ON DELAY TIME: The relay does not provide
a tripped condition for a duration of the preset Power
ON Delay Time (TDP) after the power supply is turned
on, even when the signal input is in an alarm range.
■ LATCHING OUTPUT: The relay does not return to an
untripped condition once the signal input goes across
the threshold, unless:
(1) the Reset control button is pressed,
(2) the Reset input terminal is closed, or
(3) the power supply is removed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com