Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC3336 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3336
Description  AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3336 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 20Page - Texas Instruments AMC3336 Datasheet HTML 21Page - Texas Instruments AMC3336 Datasheet HTML 22Page - Texas Instruments AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments AMC3336 Datasheet HTML 27Page - Texas Instruments AMC3336 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
7.3.6 Diagnostic Output
As shown in Figure 7-7, the open-drain DIAG pin can be monitored to confirm the device is operational, and the
output data are valid. During power-up, the DIAG pin is actively held low until the high-side supply is in regulation
and the modulator starts outputting data. The DIAG pin is actively pulled low if:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the
high-side). The modulator itself outputs a constant bitstream of logic 0's in this case, that is, the DOUT pin is
permanently low.
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out). In this case, the low-side may still
receive data from the high-side but the data may not be valid. However, the modulator itself outputs a
constant bitstream of logic 0's in this case, meaning that the DOUT pin is permanently low.
CLKIN
High-side supply undervoltage
DOUT
DIAG
Power-up
Normal
Operation
Normal
Operation
Figure 7-7. DIAG and Output under Different Operating Conditions
7.4 Device Functional Modes
The digital interface, including the open-drain DIAG pin are functional as soon as VDD rises above the VDDPOR
threshold. Analog functions, including the circuitry on the high-side, are enabled as soon as VDD rises above the
analog under voltage lockout threshold VDDUV .
At power-down, analog functions are disabled as VDD falls below the VDDUV (falling) voltage level. The digital
interface, including the open-drain DIAG pin remain functional until VDD drops below the VDDPOR (falling)
voltage level. Figure 7-8 shows the different enable thresholds for the AMC3336.
VDDPOR, rising
full analog functionality
no analog functionality
no analog functionality
Digital Interface &
DIAG pin functional
Digital Interface &
DIAG pin not functional
Digital Interface &
DIAG pin not functional
VDDUV, rising
VDDPOR, falling
VDDUV, falling
VDD
Figure 7-8. AMC3336 Enable Thresholds
Below the VDDPOR voltage level the digital output pins are not actively driven, that is they are in a high-
impedance state but clamped to one diode-voltage above the VDD supply.
AMC3336
SBASA70 – APRIL 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com