Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5647 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5647
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5647 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5647 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5647 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC5647
No.7326-2/7
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0
10
µA
DC Current Gain
hFE
VCE=1V, IC=5mA
100
160
Gain-Bandwidth Product
fT1VCE=1V, IC=3mA
7.0
9.0
GHz
fT2VCE=3V, IC=7mA
9.5
11.5
GHz
Output Capacitance
Cob
VCB=1V, f=1MHz
0.4
0.55
pF
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.3
0.45
pF
Forward Transfer Gain
S21e21VCE=1V, IC=3mA, f=2GHz
7.5
9.0
dB
S21e22VCE=3V, IC=7mA, f=2GHz
9.0
10.5
dB
Noise Figure
NF
VCE=1V, IC=3mA, f=2GHz
2.6
3.5
dB
0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
8
4
6
10
12
16
14
18
20
0
1.0
2.0
3.0
4.0
5.0
2
3
5
7
10
2
3
1.0
23
23
57
10
3
5
7
100
2
3
hFE -- IC
1.0
23
5
2
3
7
35
7
10
f T -- IC
IT05346
IT05347
IC -- VCE
IC -- VBE
IT05344
IT05345
0
2
4
6
8
10
0.08mA
0.07mA
0.06mA
0.05mA
0.04mA
0.03mA
0.02mA
0.01mA
IB=0
VCE=3V
VCE=3V
1V
1V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
0.1
23
5
7
1.0
23
5
7
10
0.1
23
5
7
1.0
23
5
7
10
0.1
2
5
7
1.0
3
0.1
2
5
7
1.0
3
Cob -- VCB
Cre -- VCB
IT05348
IT05349
f=1MHz
f=1MHz
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com