Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBSI-F-AF-R3C-F6-W Datasheet(PDF) 1 Page - Festo Corporation.

Part # SBSI-F-AF-R3C-F6-W
Description  Color sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SBSI-F-AF-R3C-F6-W Datasheet(HTML) 1 Page - Festo Corporation.

  SBSI-F-AF-R3C-F6-W Datasheet HTML 1Page - Festo Corporation. SBSI-F-AF-R3C-F6-W Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Color sensor
SBSI-F-AF-R3C-F6-W
Part number: 8058733
Data sheet
Feature
Value
Type code
SBSI
KC characters
KC EMC
Vision sensor version
Color sensor
CE marking (see declaration of conformity)
As per EU EMC directive
Certification
RCM compliance mark
c UL us - Listed (OL)
Working distance
6 mm - infinite
Focal length
6 mm
Field of view
min. 5 x 4 mm
Focus setting
With adjusting screw
Lens attachment
Integrated optics
Lighting type
Integrated
Type of light
White
LED
Sensor type
Color
Sensor resolution
736 x 480 pixels (WideVGA)
Frame rate (full image)
40 fps
Max. no. of inspection programs/jobs
255
Max. number of test criteria/detectors
255
Function of detectors/characteristics
Position tracking via contour
Pattern matching
Contour matching
Edge detection
Contrast
Brightness
Gray value threshold
Vernier caliper
BLOB
Color value
Color surface
Color list
Typical cycle time
Position tracking: 30 ms
Pattern matching: 30ms
Contour matching: 60 ms
Contrast: 2 ms
Brightness: 2 ms
Gray value threshold: 2 ms
Vernier caliper: 12 ms
BLOB: 50 ms
Color surface: 30 ms
Color value: 2 ms
Color list: 2 ms
6/2/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - SBSI-F-AF-R3C-F6-W

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SBSI-F-AF-R3C-F12-W FESTO-SBSI-F-AF-R3C-F12-W Datasheet
84Kb / 2P
Color sensor
More results

Similar Description - SBSI-F-AF-R3C-F6-W

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S831-QT333 AVAGO-HDJD-S831-QT333 Datasheet
404Kb / 10P
Color Sensor Module
HDJD-S722-QR999 AVAGO-HDJD-S722-QR999 Datasheet
148Kb / 10P
Color Sensor
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT_15 Datasheet
381Kb / 11P
Color sensor
logo
Rohm
BH1749NUC-EVK-001 ROHM-BH1749NUC-EVK-001 Datasheet
728Kb / 3P
Color Sensor
logo
Banner Engineering Corp...
QCM50 BANNER-QCM50 Datasheet
286Kb / 3P
QCM50 Color Sensor
logo
Festo Corporation.
538236 FESTO-538236 Datasheet
104Kb / 2P
Color sensor
8058731 FESTO-8058731 Datasheet
84Kb / 2P
Color sensor
8058732 FESTO-8058732 Datasheet
83Kb / 2P
Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
Color sensor
8058735 FESTO-8058735 Datasheet
91Kb / 2P
Color sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com