Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFAQ1060L36T Datasheet(PDF) 15 Page - ON Semiconductor

Part # NFAQ1060L36T
Description  Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NFAQ1060L36T Datasheet HTML 11Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 12Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 13Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 14Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 15Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 16Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 17Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 18Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
EVBUM2709/D
www.onsemi.com
15
Current Measurement and Over−Current Protection
Schematic of current measurement and over−current
protection can be seen in the Figure 16. Information about
currents is provided via 39 m
W shunt resistors. Voltage drop
from shunt resistor is going to input of operational amplifier
(op−amp) NCS2003 which gain is set to 4.99 with 1k resistor
and 4k99 resistor connected as negative feedback. U7
(TLV431) is creating 1.65 V reference which is connected
to non−inverting input of op−amps. This connection
provides voltage offset at the output of op−amps, which is
needed for negative current measurement.
Overcurrent
protection
is
offered
by
NCS2250
comparator. Comparator threshold is set by voltage divider
which consists of R68, R71 and C48. Signals from shunt
resistors are going via R78, R81 and R84 connected to
non−inverting input. These resistors together with C58 are
also acting as low pass filter for high frequency signals
interference. On the one hand, with insufficient filtering the
over− current protection can react for lower values of current
even if there is 350 ns blanking time on ITRIP pin of IPM to
improve noise immunity (see datasheet of IPM). On the
other hand, when we are designing this filter it is needed to
be careful about the maximal time constant value according
short circuit safe operating area (see datasheet of IPM,
NFAQ1060L36T− for VCE = 400 V is 4
ms). Output from
comparator is connected to ITRIP pin of IMP module. As
was mentioned in previous chapter, IPM has fault pin and its
voltage level is high during normal state. An over−current
condition is detected if the voltage on the ITRIP pin is larger
than the reference voltage (typically 0.5 V). After a
shutdown propagation delay of typically 1.1
ms, the FAULT
output is switched on. The FAULT output is held on for a
time determined by the resistor and capacitor connected to
the RCIN pin (IPM pin 12). If R44 = 2 M
Ω and C34 = 1 nF,
the FAULT output is switched on for 1.65 ms (typical). The
over−current protection threshold should be set to be equal
or lower to 2 times the module rated current. The reaction of
the protection can be seen in the Figure 17 and 18. System
is also using ENABLE pin of the IPM. After the
over−current fault, fault signal is generated and sent to
microcontroller which disable the IPM via ENABLE pin
(programmed by user). New operation is possible after
microcontroller reset.
Figure 16. Schematic of Current Measurement and Overcurrent Protection
C49
100 nF
I_U
I_V
I_W
R77
680R
R79
1k
R82
3k
1
U7
TLV431
IN−
4
IN+
3
OUT
1
Q5
NCS2250SN2T3G
3V3
R67
1k
R69
1k
C50
100 pF
U_pos
V_pos
W_pos
C_SENSE
C_SENSE
R70
1k
R72
1k
C53
100 pF
R73
1k
R75
1k
C56
100 pF
G_IPM
R78
100R
R76
215k
C60
10 nF
R81
100R
R84
100R
3V3
G_IPM
ITRIP
I_SENSE
I_V
I_W
I_U
I_SENSE
C61
3V3
G_IPM
R68
21.5 k
R71
1k
C48
100 nF
G_IPM
G_IPM
C58
15 nF
G_IPM
R80
4k99
R85
4k99
R87
4k99
R83
4k99
R86
4k99
R74
4k99
C52
10 nF
C54
10 nF
C55
10 nF
G_IPM
G_IPM
C57
10 nF
IN−
4
IN+
3
OUT
1
U3
NCS2003SN2T1G
IN−
4
IN+
3
OUT
1
U4
NCS2003SN2T1G
IN−
4
IN+
3
OUT
1
U5
NCS2003SN2T1G
3V3
G_IPM
G_IPM
C59
100 nF
C62
10 nF
3V3
C63
100 nF
C64
10 nF
G_IPM
3V3
47
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com