Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WPAH01 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # WPAH01
Description  Ceramic Pressure Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

WPAH01 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  WPAH01 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPAH01 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPAH01 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. WPAH01 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
4. Parameters
5. Structure sizes
6. Electric connection
7. Cautions
1, During installing sensor, the sensor’s surface with lead must be equipped with nylon gasket, to make
force event, avoiding zero instability.
2, Before welding lead, please preheat the sensor with heating table, to increase the solderability of solder
joint, that heating solder joints for a long time will reduce the adhesion of the pad. When welding, please
use a tip iron soldering that is less than than 60W.
3, Don’t touch the blue part on the sensor, scratching the blue part will destroy the internal circuit and
cause performance instability.
Item
Parameter
Size
Φ18mm*6.35mm
Detection Range
2bar、5bar、10bar、20bar、50bar、100bar
Working voltage
2-20V
Sensitivity
1.5—4mv/V, typical value 2.5±1.0mv/V
Input, output resistance
10KΩ±30%
Temperature range
-40
℃-125℃
Zero output
0—±0.4 mv/V,, typical value 0±0.25mv/V
Linearity, hysteresis, repeatability
typical value ±0.3 %FS
Temperature draft
Typical value ±0.05%FS/
℃
Safe overload
two times of rated detection range
(when sensitivity is typical value)
Stability
Better than ±0.5%FS / year(if it is used properly)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com