Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTEU-PB Datasheet(PDF) 1 Page - Festo Corporation.

Part # CTEU-PB
Description  Bus node
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CTEU-PB Datasheet(HTML) 1 Page - Festo Corporation.

  CTEU-PB Datasheet HTML 1Page - Festo Corporation. CTEU-PB Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bus node
CTEU-PB
Part number: 570040
Data sheet
Feature
Value
Dimensions W x L x H
40 mm x 91 mm x 50 mm
Type of mounting
On electrical interface
On electrical sub-base
KC characters
KC EMC
Fieldbus interface, protocol
PROFIBUS DP
Note on fieldbus interface
Optional connection technology with accessories:
Plug/socket M12x1 B-coded, 5-pin, degree of protection: IP65
Power supply, function
Electronics and load
Power supply, connection technology
M12x1, A-coded as per EN 61076-2-101
Power supply, type of connection
Plug
Fieldbus interface, type
PROFIBUS
Fieldbus interface, function
Bus connection, incoming/forwarding
Fieldbus interface, transmission rate
9.6 kbit/s
19.2 kbit/s
93.75 kbit/s
187.5 kbit/s
500 kbit/s
1.5 Mbit/s
12 Mbit/s
Fieldbus interface, galvanic isolation
yes
Fieldbus interface, connection pattern
00995638
Power supply, connection pattern
00995383
Fieldbus interface, connection technology
Sub-D
Fieldbus interface, connection type
Socket
Note on degree of protection
In mounted state
Unused connections sealed
Fieldbus interface, number of poles/wires
9
Power supply, number of pins/wires
5
Width dimension
40 mm
Type code
CTEU
Diagnostics
Communication error
System diagnostics
Undervoltage
Configuration support
GSD file
Additional functions
Emergency message
System status via diagnostic test
Parameterization
Diagnostic behavior
Fail-safe response
Control elements
DIL switch
6/8/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - CTEU-PB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CTEU-PB-EX1C FESTO-CTEU-PB-EX1C Datasheet
81Kb / 2P
Bus node
7/21/22
More results

Similar Description - CTEU-PB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
Bus node
570039 FESTO-570039 Datasheet
81Kb / 2P
Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
Bus node
1544198 FESTO-1544198 Datasheet
78Kb / 2P
Bus node
2149714 FESTO-2149714 Datasheet
95Kb / 2P
Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
Bus node
195740 FESTO-195740 Datasheet
87Kb / 2P
Bus node
195748 FESTO-195748 Datasheet
85Kb / 2P
Bus node
548751 FESTO-548751 Datasheet
95Kb / 2P
Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
Bus node
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com